Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF0512220M050 Datasheet(PDF) 5 Page - AVX Corporation

Part # REF0512220M050
Description  Radial Leaded Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

REF0512220M050 Datasheet(HTML) 5 Page - AVX Corporation

  REF0512220M050 Datasheet HTML 1Page - AVX Corporation REF0512220M050 Datasheet HTML 2Page - AVX Corporation REF0512220M050 Datasheet HTML 3Page - AVX Corporation REF0512220M050 Datasheet HTML 4Page - AVX Corporation REF0512220M050 Datasheet HTML 5Page - AVX Corporation REF0512220M050 Datasheet HTML 6Page - AVX Corporation REF0512220M050 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
48
Radial Leaded Aluminum Electrolytic
Capacitors
REF Series
Part No.
Case
Size
Capacitance
(µF)
Rated Voltage
(V)
DF Max.
(%)
Impedance Max. at 20°C @100kHz
(Ω)
100kHz RMS Current
(mA) / 105°C
REF1625471M100*
1625
470
100
8
0.045
1640
REF1825561M100B
1825
560
100
8
0.050
1800
REF1640681M100B
1640
680
100
8
0.034
2200
REF1835681M100B
1835
680
100
8
0.034
2200
REF1840821M100B
1840
820
100
8
0.032
2700
120 Volt
REF0612100M120*
0612
10
120
12
5.500
80
REF0812220M120*
0812
22
120
12
3.500
130
REF0816330M120*
0816
33
120
12
3.000
220
REF1013330M120*
1013
33
120
12
3.000
220
REF1016470M120*
1016
47
120
12
2.500
270
REF1016560M120*
1016
56
120
12
2.200
285
REF1020680M120*
1020
68
120
12
1.800
300
REF1025101M120*
1025
100
120
12
1.500
380
REF1320121M120*
1320
120
120
12
1.300
620
REF1225151M120*
1225
150
120
12
1.000
570
REF1230221M120*
1230
220
120
12
0.800
750
REF1620221M120*
1620
220
120
12
0.600
760
REF1825331M120B
1825
330
120
12
0.420
860
* Used to denote packing type: “K” for Ammo Pack or “B” for Bulk Pack.
DF = When nominal capacitance exceeds 1000μF, add 0.02 to the value above for each 1000μF increase.
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage
after 5 minutes
RATED RIPPLE CURRENT MULTIPLIERS (FREQUENCY CORRECTION FACTOR FOR RIPPLE CURRENT)
Freq.(Hz)
Cap.(µF)
120
1K
10K
100K
C < 220
0.40
0.75
0.90
1.00
220 ≤ C < 680
0.50
0.85
0.94
1.00
680 ≤ C < 2200
0.60
0.87
0.95
1.00
2200 ≤ C < 4700
0.75
0.90
0.95
1.00
C ≥ 4700
0.85
0.95
0.98
1.00
QUALIFICATION TABLE
Test
REF Series (Temperature Range -40°C to +105°C)
Condition
Characteristics
Low Temperature
Characteristic
(Max. Impedance Ratio)
120Hz
Rated Voltage (V)
6.3
10
16
25-100
120
Z(-25°C) / Z(20°C)
5
4
3
3
3
Z(-40°C) / Z(20°C)
10
8
5
4
6
Endurance
The following specifications shall be satisfied
when the capacitors are restored to 20°C after
DC voltage plus rated ripple current is applied
for a specified period of time at 105°C.
Visual examination
no visible damage
ΔC/C
≦±25%oftheinitiallimit
DF:
≦200%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
Load Life
The following specifications shall be satisfied
when the capacitors are restored to 20°C after
DC voltage plus rated ripple current is applied
for a specified period of time at 105°C.
Diameter (mm)
Load life (hours)
ØD≤6.3
3000
ØD=8
4000
ØD=10
5000
ØD≥12.5
6000
Shelf Life
The following specifications shall be satisfied
when the capacitors are restored to 20°C after
leaving them under no load at 105°C for 1000
hours.
Visual examination
no visible damage
ΔC/C
≦±25%oftheinitiallimit
DF:
≦200%oftheinitialspecifiedlimit
DCL:
≦200%oftheinitialspecifiedlimit
TDS-ALUM-0014 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com