Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VT5365
Description  Single-chip optical mouse sensor for wireless applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365 Datasheet(HTML) 1 Page - STMicroelectronics

  VT5365 Datasheet HTML 1Page - STMicroelectronics VT5365 Datasheet HTML 2Page - STMicroelectronics VT5365 Datasheet HTML 3Page - STMicroelectronics VT5365 Datasheet HTML 4Page - STMicroelectronics VT5365 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2006
Rev 2
1/5
5
VT5365
Single-chip optical mouse sensor for wireless applications
Features
■ One chip solution with internal micro and
minimal external circuitry
■ 1.8V (single battery) or 2.0 V to 3.2 V (serial
batteries) supply operation
■ Very low power operation, enabling long
battery life
■ 800 / 1600 cpi resolution (switchable by
simultaneous button press)
■ Up to 10,000 frames per second
■ Tracking at up to 40 ips
■ Internal 27.045MHz modulator, frequency &
deviation customizable via E2
■ Single 12MHz Crystal design
■ ST 4.8 kbps protocol,
customization available via E2
■ 254 ID codes
■ Mechanical Z-wheel + 5 buttons
■ Low battery detect and indicator
■ Proven, high volume package technology,
smallest package currently available on market
■ Suitable for use with LED and laser light
sources
Description
The VT5365 is the first generally available
complete system on-chip for use in wireless
optical mice. The device has been designed to
provide long battery life whilst enabling excellent
navigation control and precision on a wide range
of surfaces. Housed in the smallest, currently
available, package (7mm x 7mm), the chip is
suitable
for
use
in
small
form-factor
mice
demanded by laptop users. Minimal external
circuitry is required thereby reducing BOM and
assembly costs.
Applications
■ Wireless optical mouse for Laptop/Desktop PC
Technical specifications
Order codes
Resolution
800 (default) / 1600 CPI
Pixel size
30.4 µm
Array size
20*20 pixels
Frame rate
Up to 10,000 frames/second
High speed motion
detector(1)
1.
Speed limitation is due to RF protocol, which is also in
line with the USB Low Speed Device. The VT5365
motion detector can handle up to 40ips.
400CPI - 32ips
800CPI - 16ips
1600CPI - 8ips
3200CPI - 4ips
Clock
12MHz
Supply voltage
1.8V
Supply current(2)
2.
All currents were measured on an ST Reference
Design Mouse supplied with 1.8V at maximum
exposure and include LED and RF stage.
Fast run (10Kfps) - 22mA
Slow run (2.5Kfps) - 12mA
Idle 1 -500µA
Idle 2 - 120µA
Sleep - 70µA
Operating temperature
[0: 60] °C
Package type
7*7mm 32 lead LOQFP
(Low profile Optical Quad
Flat Pack)
Part number
Description
VT5365V032
Optical mouse sensor
www.st.com


Similar Part No. - VT5365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5365 STMICROELECTRONICS-VT5365 Datasheet
500Kb / 26P
Single chip optical/laser mouse sensor for wireless applications
14-Mar-2007
VT5365V032 STMICROELECTRONICS-VT5365V032 Datasheet
500Kb / 26P
Single chip optical/laser mouse sensor for wireless applications
14-Mar-2007
VT5365 STMICROELECTRONICS-VT5365_07 Datasheet
500Kb / 26P
Single chip optical/laser mouse sensor for wireless applications
14-Mar-2007
More results

Similar Description - VT5365

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
logo
STMicroelectronics
VT5365 STMICROELECTRONICS-VT5365_07 Datasheet
500Kb / 26P
Single chip optical/laser mouse sensor for wireless applications
14-Mar-2007
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
WIRELESS OPTICAL MOUSE SINGLE CHIP
PAN3501UI PIXART-PAN3501UI Datasheet
443Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3203DI PIXART-PAW3203DI Datasheet
275Kb / 14P
WIRELESS OPTICAL MOUSE SINGLE CHIP
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
USB OPTICAL MOUSE SENSOR SINGLE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
logo
Pixart Imaging Inc.
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
Single Chip USB Optical Mouse Sensor
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
Single Chip USB Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com