Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-YC1I Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-YC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-YC1I Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-YC1I Datasheet HTML 17Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 18Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 19Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 20Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 21Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 22Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 23Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 24Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
20 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
4. Sub-system Description
4.1. UART
A UART interface is provided as the additional control or debugging interface. See chapter 2.1.
External devices may access the device’s internal registers, memory, and eFuse memory through
a UART interface. The interface supports byte-sequence commands. The NanoBeacon Config PC
GUI uses the UART interface to communicate with the device, and other controllers can also
access the device internal information through the UART interface.
4.1.1. UART speed detection
The UART block can automatically detect the speed of the external UART command, as its default
baud rate is 115,200Hz when using the 26MHz external crystal. If the external device needs a
different baud rate, and the UART auto detection feature is enabled, the external device can send
in multiple commands at the new rate. The internal logic will automatically detect the new rate
and reply with an ACK command to the external device when the detection is successful.
It is recommended to use the sequence of operations shown in Figure 6 to achieve stable UART
communication after initial device power-up (cold/warm boot) or UART sleep change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com