Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-PDISO8 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # USB-PDISO8
Description  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-PDISO8 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button USB-PDISO8 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-PDISO8 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Measurement Computing
(508) 946-5100
10
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
June 2021. Rev 4
DS USB-High-Voltage-Relay-DIO
© Measurement Computing Corporation
Order Information
Hardware
Part No.
Description
USB-PDISO8
USB-based eight Form C relay and eight isolated high-
voltage input interface device. Includes power supply
and USB cable.
USB-PDISO8/40
USB-based eight Form C Relay and eight isolated high-
voltage input interface device with 40-pin connector.
Includes power supply and USB cable.
USB-SSR08
USB-based solid-state eight I/O module interface
device. Includes power supply and USB cable.
USB-SSR24
USB-based solid-state 24 I/O module interface device.
Includes power supply and USB cable.
USB-ERB08
USB-based 8-channel electromechanical relay interface
device. Includes power supply and USB cable.
USB-ERB24
USB-based 24-channel electromechanical relay
interface device. Includes power supply and USB cable.
Accessories and Cables
Part No.
Description
CB-PWR-9
Replacement power supply, 9 V, for USB-PDISO8 Series,
USB-SSR Series, and USB-ERB08. Interchangeable power
plugs are available separately.
CB-PWR-9V3A
Replacement power supply, 9 V, for USB-ERB24
PS-9V1AEPS230V
Replacement 230 V power supply, 9 V output, for
USB-PDISO8 Series, USB-SSR Series, and USB-ERB08.
Interchangeable power plugs are available separately.
CIO-MINI40
Universal screw-terminal board, 37-pin
SSR Digital I/O Modules (USB-SSR Series Only)
Part No.
Description
SSR-IAC-05
AC sense input module, 90 to 140 VAC/VDC
SSR-IAC-05A
AC sense input module, 180 to 280 VAC/VDC
SSR-IDC-05
DC sense input module, 3 to 32 VDC
SSR-IDC-05NP
DC sense input module, 10 to 32 VDC non-polarized
SSR-OAC-05
AC switch output module, 24 to 140 VAC,
3.5 A @ 120 VAC, SPST normally open
SSR-OAC-05A
AC switch output module, 24 to 280 VAC,
3.5 A @ 240 VAC, SPST normally open
SSR-ODC-05
DC switch output module, 3 to 60 VDC @ 3.5 A, SPST
normally open
SSR-ODC-05A
DC switch output module, 4 to 200 VDC @ 3.5 A, SPST
normally open
Software also Available from MCC
Part No.
TracerDAQ Pro*
DASYLab
Description
Out-of-the-box virtual instrument suite with strip
chart, oscilloscope, function generator, and rate
generator – professional version
Icon-based data acquisition, graphics, control, and
analysis software
* TracerDAQ Pro only supports USB-PDISO8 Series digital inputs; it does not
support USB-ERB Series or USB-SSR Series devices.
Ordering



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com