Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-SSR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # USB-SSR
Description  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-SSR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button USB-SSR Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-SSR Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-SSR Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-SSR Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-SSR Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-SSR Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-SSR Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-SSR Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-SSR Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Measurement Computing
(508) 946-5100
8
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
I/O Module Configuratio
USB-SSR08
Modules 1-4: Selectable with switch S1 in the CL position as either input or
output (default) modules. Switch settings for direction can be read back with
software. Do not mix input and output modules within this bank of four.
Modules 5-8: User-selectable with switch S1 in the CH position as either input
modules or output (default) modules. Switch settings for direction can be read
back with software. Do not mix input and output modules within this bank of
four.
USB-SSR24
Modules 1-8: Selectable with switch S1 in the A position as either input or
output (default) modules Switch settings for direction can be read back with
software. Do not mix input and output modules within this bank of eight.
Modules 9-16: Selectable with switch S1 in the B position as either input
modules or output (default) modules. Switch settings for direction can be read
back with software. Do not mix input and output modules within this bank of
eight.
Modules 17-20: Selectable with switch S1 in the CL position as either input or
output (default) modules. Switch settings for direction can be read back with
software. Do not mix input and output modules within this bank of four.
Modules 21-24: Selectable with switch S1 in the CH position as either input or
output (default) modules. Switch settings for direction can be read back with
software. Do not mix input and output modules within this bank of four.
I/O module logic polarity: Selectable with switch S2. Switch settings for polarity
can be read back with software. Default to non-inverted. For input modules,
invert mode returns a 1 when module is active; non-invert mode returns a
0 when module is active. For output modules, invert mode allows users to
write a 1 to activate the module; non-invert mode allows users to write a 0 to
activate the module.
Pull-up/pull-down on digital I/O lines: Configurable with switch S3 with 2.2 kΩ
resistor network. Switch settings for pull-up/pull-down selection can be read
back with software. Default to pull-up. Switch settings are applicable during
power up conditions of output modules only. Modules are active Low. When
switch to Pull-up, modules are inactive on power up. When switched to pull-
down, modules are active on power up.
Power
USB +5 V input voltage range: 4.75 V min to 5.25 V max
USB +5 V supply current (all modes of operation)
USB-SSR08: <100 mA
USB-SSR24: 10 mA max
External power supply (included; required for USB-SSR24): MCC p/n CB-PWR-9
9 V @ 1.67 A
Voltage supervisor limits - PWR LED
6.0 V > Vext or Vext > 12.5 V: PWR LED = Off (power fault)
6.0 V ≤ Vext < 12.5 V: PWR LED = On
USB-SSR24 Block Diagram
Bidiectional
Buffer
4
Bidiectional
Buffer
4
Bidiectional
Buffer
8
Bidiectional
Buffer
Load
8
USB
Microcontroller
500 mA
USB 2.0
Compliant
Interface
Power
Regulator
Power
Monitor
9.0 V
External
Power
Switch S1
(I/O Type)
Switch S3
(Pull-Up/Down)
Switch S2
(Inv/Non-Inv)
SSR Modules 1-8 (Port A)
SSR Modules 9-16 (Port B)
SSR Modules 17-20 (Port CL)
SSR Modules 21-24 (Port CH)
Specifications - USB-SSR Series



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com