Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN100-D1-R-YC1F Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-YC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-YC1F Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-YC1F Datasheet HTML 31Page - List of Unclassifed Manufacturers IN100-D1-R-YC1F Datasheet HTML 32Page - List of Unclassifed Manufacturers IN100-D1-R-YC1F Datasheet HTML 33Page - List of Unclassifed Manufacturers IN100-D1-R-YC1F Datasheet HTML 34Page - List of Unclassifed Manufacturers IN100-D1-R-YC1F Datasheet HTML 35Page - List of Unclassifed Manufacturers IN100-D1-R-YC1F Datasheet HTML 36Page - List of Unclassifed Manufacturers IN100-D1-R-YC1F Datasheet HTML 37Page - List of Unclassifed Manufacturers IN100-D1-R-YC1F Datasheet HTML 38Page - List of Unclassifed Manufacturers IN100-D1-R-YC1F Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
34 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Table 16 : GPIO pin characteristics
Parameter
Description
Min.
Typ.
Max.
Unit
VIL
Input low voltage
0.3*VCC
V
VIH
Input high voltage
0.7*VCC
V
VOL
Output low voltage
0.4
V
VOH
Output high voltage
VCC-0.4V
V
IOH
Output high drive current
4
mA
IOS
Output standard drive current
4
mA
tLH/tHL
Rising time/Falling time
4
ns
(standard
drive)
@standard drive with 12pf
load10%~90%
RPU
GPIO pull-up resistance
25K
ohm
RPD
GPIO pull-down resistance
25K
ohm
Note: The data measured are preliminary and subject to change.
5.4. RF performance characteristics
Characteristics are measured over recommended operating conditions unless otherwise specified.
The typical operation condition referred to is Ta = 25°C and VCC = 3.0V. The specifications are valid
for -40°C ≤ TA ≤ +85°C and 1.1V ≤ VCC ≤ 3.6V. All performance data are measured via an evaluation
board with a 50 ohm antenna connector.
5.4.1. General RF Characteristics
Table 17 : General RF characteristics
Parameter
Description
Min.
Typ.
Max.
Unit
Radio frequency range
2250
2550
MHz
RF PLL channel spacing
channel spacing is user
programmable
1
MHz
Frequency modulation deviation
1Mbps BLE
±250
kHz
Data rate
125
1000
kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com