Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-SSR08 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # USB-SSR08
Description  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-SSR08 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button USB-SSR08 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Measurement Computing
(508) 946-5100
7
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
External Power Input
External power input: +6.0 VDC to 12.5 VDC (9 VDC power supply included)
External power supply (included)
USB-ERB08
MCC p/n CB-PWR-9: 9 V @ 1.67 A
USB-ERB24
MCC p/n CB-PWR-9V3A: 9 V ±10% @ 3 A
External Power Output
External power output (current range): 4.0 A max
External power output (voltage drop between power input and daisy chain
power output: 0.5 V max
USB-ERB Series devices monitor the external +9 V power supply volt-
age with a voltage supervisory circuit. If this power supply exceeds its
specified limit, the
PWR LED turns off, indicating a power fault condition.
A user-supplied custom cable is required to daisy chain multiple devices.
USB Specification
USB Type-B connector: Input
USB device type: USB 2.0 (full-speed)
Device compatibility: USB 1.1, USB 2.0
USB-ERB08: Hardware revision E and later are also compatible with USB 3.0. The
revision is indicated on the part number label on the housing – 193776X-01L
– where X is the hardware revision.
USB-ERB24: Hardware revision G and later are also compatible with USB 3.0. The
revision is indicated on the part number label on the housing – 193773X-01L
– where X is the hardware revision.
USB Type-A connector: Downstream hub output port
USB hub type: Supports USB 2.0 high-speed, full-speed and low-speed operating
points; self-powered, 100 mA max downstream VBUS capability
Compatible products: MCC USB Series devices
USB cable type (upstream and downstream): A-B cable, UL type AWM 2527 or
equivalent (min 24 AWG VBUS/GND, min 28 AWG D+/D-).
USB cable length: 3 meters max.
Relay Contact Pull-Up/Down Option
Relays NO contact pull-up (to USB +5 V)/pull-down, user installed
USB-ERB08: R1, R3, R5, R7, R10, R12, R14, R16
USB-ERB24: R35, R36, R41, R43, R45, R47, R49, R51, R87, R89, R91, R93, R96,
R98, R100, R102, R103, R105, R107, R109, R112, R114, R116, R118
Relays NC contact pull-up (to USB +5 V)/pull-down, user installed
USB-ERB08: R2, R4, R6, R8, R9, R11, R13, R15
USB-ERB24: R37, R40, R42,R44, R46, R48, R50, R52, R88, R90, R92, R94, R95,
R97, R99, R101, R104, R106, R108, R110, R111, R113, R115, R117
Mechanical
USB-ERB08 dimensions (L × W × H)
PCB:203.2 × 121 × 20.0 mm (8.0 × 4.8 × 0.8 in.)
Enclosure: 241.3 × 125.7 × 58.9 mm (9.50 × 4.95 × 2.32 in.)
USB-ERB24 dimensions (L × W × H)
PCB:431.8 × 121 × 20.3 mm (17.0 × 4.8 × 0.8 in.)
Enclosure: 482.6 × 125.7 × 58.9 mm (19.00 × 4.95 × 2.32 in.)
Main Connector
Connector type: Screw terminal
Wire gauge range: 12 to 22 AWG
Environmental
Operating temperature range: 0 to 70 °C
Storage temperature range: -40 to 100 °C
Humidity: 0% to 95% non-condensing
Specifications - USB-ERB Series
USB-SSR08 Block Diagram
Screw
Terminal
Load
SSR modules 1 to 4 (Port C LO)
Switch S1
(I/O Type)
SSR modules 5 to 8 (Port C HI)
USB
Microcontroller
500 mA
USB 2.0
Compliant
Interface
Power
Regulator
Power
Monitor
9.0 V
External
Power
Switch S3
(Pull-Up/Down)
Switch S2
(Inv/Non-Inv)
Bidiectional
Buffer
4
Bidiectional
Buffer
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com