Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-SSR24 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # USB-SSR24
Description  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-SSR24 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  USB-SSR24 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
Specifications - USB-PDISO8 Series
External power output
External power output - current range: 4.0 A max
The daisy chain power output option allows multiple MCC USB products with
a USB hub output port to be powered from a single external-power source in a
daisy-chain fashion. The voltage drop between the device power supply input
and the daisy-chain output is 0.5 V maximum. Users must plan for this drop
to assure the last device in the chain receives at least 6.5 VDC. A user-supplied
custom cable is required to daisy chain multiple devices.
External power output: Voltage drop between power input and daisy chain
power output: 0.5 V max
USB Specification
USB Type-B connector: Input
USB device type: USB 2.0 (full-speed)
Device compatibility: USB 1.1, USB 2.0
USB-PDISO8: Hardware revision F and later are also compatible with USB 3.0.
The revision is indicated on the part number label on the housing
– 197241X-01 – where X is the hardware revision.
USB-PDISO8/40: Hardware revision C and later are also compatible with
USB 3.0. The revision is indicated on the part number label on the housing
– 197242X-01 – where X is the hardware revision.
USB Type-A connector: Downstream hub output port
USB hub type: Supports USB 2.0 high-speed, full-speed and low-speed operating
points; self-powered, 100 mA max downstream VBUS capability
Compatible products: MCC USB products with a USB hub output port
USB cable type (upstream and downstream): A-B cable, UL type AWM 2527 or
equivalent (min 24 AWG VBUS/GND, min 28 AWG D+/D-)
USB cable length: 3 meters max
Mechanical
USB-PDISO8 dimensions (L × W × H)
PCB:304.3 × 121.9 × 20.0 mm (12.0 × 4.8 × 0.8 in.)
Enclosure: 342.9 × 125.7 × 58.9 mm (13.5 × 4.95 × 2.32 in.)
USB-PDISO8/40 dimensions (L × W × H)
PCB:304.3 × 121.9 × 17.8 mm (12.0 × 4.8 × 0.7 in.)
Enclosure: 342.9 × 125.7 × 58.9 mm (13.5 × 4.95 × 2.32 in.)
Environmental
Operating temperature range: 0 °C to 70 °C
Storage temperature range
USB-PDISO8: -40 °C to 100 °C
USB-PDISO8/40: -40 °C to 85 °C
Humidity: 0% to 95% non-condensing
Main Connector
USB-PDISO8
Connector type: Screw terminal
Wire gauge range: 12 AWG to 22 AWG
USB-PDISO8/40
Connector type: P14: 40-pin header
Compatible cables
C40FF-x: 40-conductor ribbon cable, female both ends, x = length in feet.
C40-37F-x: 40-pin IDC to 37-pin female D connector, x = length in feet.
Compatible accessory products
Using the C40FF-x cable: CIO-MINI40
Using the C40-37F-x cable: CIO-MINI37
Max current: 1 A
USB-ERB08 Block Diagram
Screw terminal
Relay
driver
Relay
driver
Channel 1 relay
Channel 4 relay
Channel 3 relay
Channel 2 relay
Channel 5 relay
Channel 8 relay
Channel 7 relay
Channel 6 relay
Load
Relay
driver
Relay
Driver
Relay
driver
Relay
Driver
Channel 1 relay
Relay 8
Channel 4 relay
Relay 5
Channel 3 relay
Relay 6
Channel 2 relay
Relay 7
Channel 5 relay
Relay 4
Channel 8 relay
Relay 1
Channel 7 relay
Relay 2
Channel 6 relay
Relay 3
Load
Load
4
4
USB
Microcontroller
USB
Interface
Power
Regulator
Power
Monitor
9.0 V
External
Power
Switch S2
(pull-up/down)
Switch S1
(inv/non-inv)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com