Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRACERDAQPRO Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TRACERDAQPRO
Description  Temperature Measurement Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRACERDAQPRO Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TRACERDAQPRO Datasheet HTML 1Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 2Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 3Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 4Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 5Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 6Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Measurement Computing
(508) 946-5100
7
info@mccdaq.com
mccdaq.com
USB-TEMP and USB-TC Series
October 2018. Rev 7
USB-TEMP-TC-Series
© Measurement Computing Corporation
Order Information
Hardware
Part No.
Description
USB-TEMP
8-channel temperature measurement device; supports
thermocouples, RTDs, thermistors, and semiconductor
sensors. Includes USB cable and MCC DAQ software
USB-TEMP-AI
8-channel temperature and voltage measurement
device; supports thermocouples, RTDs, thermistors, and
semiconductor sensors. Includes USB cable and MCC DAQ
software
USB-TC
8-channel thermocouple measurement device. Includes
USB cable and MCC DAQ software
USB-TC-AI
8-channel thermocouple and voltage measurement device.
Includes USB cable and MCC DAQ software
Accessories
Part No.
Description
745690-E001
E-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 1 m
745690-E002
E-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 2 m
745690-J001
J-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 1 m
745690-J002
J-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 2 m
745690-K001
K-type thermocouples wire, fiberglass
(0 °C to 482 °C , 32 °F to 900 °F), 1 m
745690-K002
K-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 2 m
745690-T001
T-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 1 m
745690-T002
T-type thermocouples wire, fiberglass
(0 °C to 482 °C, 32 °F to 900 °F), 2 m
745691-01
3-wire, 100 Ω RTD, sealed with alumina tube, 1 m
(USB-TEMP and USB-TEMP-AI only)
745691-02
3-wire, 100 Ω RTD, platinum (ready made), 2 m
(USB-TEMP and USB-TEMP-AI only)
Software also Available from MCC
Part No.
Description
TracerDAQ Pro
Out-of-the-box virtual instrument suite with strip chart,
oscilloscope, function generator, and rate generator –
professional version
DASYLab
Icon-based data acquisition, graphics, control, and analysis
software
Ordering



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com