Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJE28VM2FN2 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJE28VM2FN2
Description  ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE28VM2FN2 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJE28VM2FN2 Datasheet HTML 1Page - Pan Jit International Inc. PJE28VM2FN2 Datasheet HTML 2Page - Pan Jit International Inc. PJE28VM2FN2 Datasheet HTML 3Page - Pan Jit International Inc. PJE28VM2FN2 Datasheet HTML 4Page - Pan Jit International Inc. PJE28VM2FN2 Datasheet HTML 5Page - Pan Jit International Inc. PJE28VM2FN2 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJE28VM2FN2
March 1,2017-REV.01
Page 1
ESD Protection
VRWM
28 V
Features
 ESD protection of one line
 IEC61000-4-2(ESD): ±20kV Air, ±15kV Contact Compliance
 IEC61000-4-4(EFT): 40A(5/50nS)
 IEC61000-4-5(Lightning): 3A(8/20
S)
 Low leakage current, maximum of 0.5
A at rated voltage
 Lead free in compliance with EU RoHS2.0 (2011/65/EU &
2015/865/EU directive).
 Green molding compound as per IEC61249 Std..(Halogen Free)
Mechanical Data
 Case: DFN 2L, Plastic
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.00004 ounces, 0.0011 grams
 Marking: 9V
Applications
 LED Backlight
 Mobile Phones and accessories
 Desktops, Servers and Notebook
 Hand held portable
 Computer Interfaces Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
Fig.30(Top View)
PARAMETER
SYMBOL
LIMIT
UNITS
Peak Pulse Power Dissipation(tp=8/20uS)
PPP
165
W
ESD IEC61000-4-2(Air)
ESD IEC61000-4-2(Contact)
VESD
±20
±15
kV
Operating Junction Temperature Range
TJ
-55 to +125
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Maximum Ratings (TA=25
o
C unless otherwise noted)


Similar Part No. - PJE28VM2FN2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE28VM2TS PANJIT-PJE28VM2TS Datasheet
233Kb / 6P
ESD Protection
May 27,2016-REV.01
PJE28VM2TS_R1_00001 PANJIT-PJE28VM2TS_R1_00001 Datasheet
233Kb / 6P
ESD Protection
May 27,2016-REV.01
PJE28VM2TS_R2_00001 PANJIT-PJE28VM2TS_R2_00001 Datasheet
233Kb / 6P
ESD Protection
May 27,2016-REV.01
More results

Similar Description - PJE28VM2FN2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE24VM5FN2 PANJIT-PJE24VM5FN2 Datasheet
220Kb / 6P
ESD Protection
logo
ON Semiconductor
NIV1161 ONSEMI-NIV1161_16 Datasheet
206Kb / 7P
ESD Protection
March, 2016 ??Rev. 1
logo
SAMYANG ELECTRONICS CO....
SD05 SAMYANG-SD05 Datasheet
1Mb / 5P
ESD PROTECTION
SM712 SAMYANG-SM712 Datasheet
1Mb / 3P
ESD PROTECTION
logo
Pan Jit International I...
PEC2605M1Q PANJIT-PEC2605M1Q Datasheet
200Kb / 5P
ESD Protection
October 21,2022 PEC2605M1Q-REV.01
PEC3203S1Q PANJIT-PEC3203S1Q Datasheet
276Kb / 5P
ESD PROTECTION
March 21,2019-REV.01
PEC3205S1Q PANJIT-PEC3205S1Q Datasheet
275Kb / 5P
ESD PROTECTION
March 19,2019-REV.01
PEC3215C2A-AU PANJIT-PEC3215C2A-AU Datasheet
285Kb / 5P
ESD PROTECTION
July 16,2021 PEC3215C2A-AU-REV.01
PEC3808AS-AU PANJIT-PEC3808AS-AU Datasheet
221Kb / 6P
ESD Protection
December 17,2021 PEC3808AS-AU_SERIES-REV.00
PEC3808C2C-AU PANJIT-PEC3808C2C-AU Datasheet
291Kb / 6P
ESD Protection
January 26,2022 PEC3808C2C-AU_SERIES-REV.01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com