Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-719-R9AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-719-R9AE
Description  15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-719-R9AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-719-R9AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-719-R9AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
FPM-715
FPM-717
FPM-719
Dimensions
Unit: mm [inch]
Ordering Information
ƒ
FPM-715-R9AE
15" XGA Ind. Monitor,w/Resistive TS (24 VDC)
ƒ
FPM-717-R9AE
17" SXGA Ind. Monitor,w/Resistive TS (24 VDC)
ƒ
FPM-719-R9AE
19" SXGA Ind. Monitor,w/Resistive TS (24 VDC)
Optional Accessories
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596-11
Power Cable China/Australia Plug 1.8 M
ƒ
PWR-247-DE
Adapter 100-240V 60W 24V 2.5A
ƒ
FPM-1000T-SMKE
Desktop/Wall Mounting kit for FPM series
ƒ
FPM-715-RMKE
FPM-715 Rack-Mount Kit
ƒ
FPM-717-RMKE
FPM-717 Rack-Mount Kit
ƒ
FPM-719-RMKE
FPM-719 Rack-Mount Kit
ƒ
FPM-7000G-ADKE
Mounting bracket of adapter for FPM-7000
(Note: Only 17" and 19" supported)
Panel Cutout Dimensions: FPM-715: 374.5 x 298.5 mm (14.74 x 11.75 in)
FPM-717: 401.3 x 334.8 mm (15.8 x 13.18 in)
FPM-719: 443.5 x 369.3 mm (17.46 x 14.53 in)
FPM-715: 383.2 [15.08]
FPM-717: 410.4 [16.15]
FPM-719: 454.0 [17.87]
FPM-715: 7.0 [0.27]
FPM-717: 7.0 [0.27]
FPM-719: 7.5[0.27]
FPM-715: 50 [1.96]
FPM-717: 51 [2.00]
FPM-719: 48.5 [1.9]
FPM-715: 372.89 [14.6]
FPM-717: 399.88 [15.74]
FPM-719: 442 [17.4]
75[2.95]
260.2[10.24]
Front View
Rear View
IO View
VESA Mount
Panel Mount
TS Interface RS-232 Port
Touch USB Port
VGA Port
DC terminal 24VDC
HDMI Port
GND
DP Port
USB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com