Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M320EB Datasheet(PDF) 4 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M320EB
Description  220 OTP ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M320EB Datasheet(HTML) 4 Page - MOSDESIGN SEMICONDUCTOR CORP

  M320EB Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M320EB Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
2011-08-23
2
20 OTP ENCODER
EN/DECODER
M320EB
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
SINGLE RESISTOR OSCILLATOR
The typical oscillator frequency with various resistor values for M320EB is given below:
Encoder (M320EB) Oscillator Frequency
APPLICATION DIAGRAM
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
12V
18
45
M320EB
OSC
VDD
VSS
DO
K3
K2
K1
K0
IR / RF
Rosc
M320EB F-V CURVE
0
10
20
30
40
50
60
70
80
90
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
VDD(Volt)
270K
300K
330K
360K
390K
430K
470K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com