Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5D Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M5D
Description  3-STATE 531,441 CODES BUILT-IN IR CARRIER DIRECT DATA TRANSMIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M5D Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M5D Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3-STATE 531,441 CODES
3 態 531,441 碼
BUILT-IN IR CARRIER
內建紅外線發射器
DIRECT DATA TRANSMIT
可單鍵發射
1/1
2012-04-11
EN/DECODER
M5E/M5D/F
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
EN/DE
編/解碼
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
‧ Built-in IR carrier ─ suffix-IR.
‧ Momentary DATA ─ suffix-M.
‧ Direct Data Transmit type ─ M5E-H:Switch to VDD.
‧ S.O.Package 18P ─ suffix-S.
APPLICATION 產品應用
‧ Security alarm, Remote control. 防盜系統, 任何遙控裝置.
ELECTRICAL CHARACTERISTICS 電氣規格
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
2.4
─
13
V
工作電流 Operating Current
I
OP
─
0.1
1
mA
No load
靜態電流 Quiescent Current
I
SB
─
110
μA
推動電流 Driving Current
I
OL
─
2
─
mA
@V
DS=1.2V
振盪頻率 Oscillator Frequency
F
OSC
─
76
─
KHz
External±30%
工作溫度 Operating Temperature
Temp.
-20
25
60
℃
APPLICATION DIAGRAM 參考電路圖
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
DATA
PROTOCOL
TE
DO
VT
D0~3
T
T
T
BIT FORMAT
"1"
"0"
"X"
A5
A0
A1
A2
A3
A4
A6
A7
VSS
VDD
1
0
VDD
DO
X
Y
Rosc
M5E
118
910
IR / RF
TE
A11/D3
A10/D2
A9/D1
A8/D0
VDD
VSS
M5D / F
VDD
VT
Y
X
DIN
Rosc
118
910
A5
A0
A1
A2
A3
A4
A6
A7
VDD
1
0
IR / RF
A11/D3
A10/D2
A9/D1
A8/D0


Similar Part No. - M5D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5D0112N-A ETC2-M5D0112N-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
M5D0206N-A ETC2-M5D0206N-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
M5D0206S-A ETC2-M5D0206S-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
M5D0212N-A ETC2-M5D0212N-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
More results

Similar Description - M5D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M45026 ETC-M45026 Datasheet
115Kb / 2P
145026 COMPATIBLE 3 STATE 19,683 CODES
M320EA ETC-M320EA Datasheet
115Kb / 1P
2-STATE 1048576 CODES OTP ENCODER
logo
Extech Instruments Corp...
EX410 EXTECH-EX410 Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
logo
Axiomtek Co., Ltd.
DSH-146 AXIOMTEK-DSH-146 Datasheet
294Kb / 1P
Built-in IR touchscreen
logo
Rohm
BU92747XXX ROHM-BU92747XXX Datasheet
1Mb / 46P
IrDA Controller LSI built-in Ir remote control
logo
MOSDESIGN SEMICONDUCTOR...
M320EA MOSDESIGN-M320EA Datasheet
137Kb / 1P
2-STATE 1048576 CODES OTP ENCODER
2012-04-06
M3E MOSDESIGN-M3E Datasheet
118Kb / 1P
3-STATE 531,441 CODES BUILT-IN IR CARRIER DIRECT DATA TRANSMIT
2012-04-10
M3EB MOSDESIGN-M3EB Datasheet
152Kb / 1P
3-STATE 59,049 CODES 30 SECOND POWER OFF DIRECT DATA TRANSMIT
2008-10-03
M3162 MOSDESIGN-M3162 Datasheet
241Kb / 1P
3-STATE 531,441 CODES BUILT-IN IR CARRIER
2007-10-11
M45026 MOSDESIGN-M45026 Datasheet
171Kb / 2P
145026 COMPATIBLE 3 STATE 19,683 CODES
2012-04-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com