Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306AACBZ-1.2-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3306AACBZ-1.2-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306AACBZ-1.2-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3306AACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices LTC3306AACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices LTC3306AACBZ-1.2-R7 Datasheet HTML 10Page - Analog Devices LTC3306AACBZ-1.2-R7 Datasheet HTML 11Page - Analog Devices LTC3306AACBZ-1.2-R7 Datasheet HTML 12Page - Analog Devices LTC3306AACBZ-1.2-R7 Datasheet HTML 13Page - Analog Devices LTC3306AACBZ-1.2-R7 Datasheet HTML 14Page - Analog Devices LTC3306AACBZ-1.2-R7 Datasheet HTML 15Page - Analog Devices LTC3306AACBZ-1.2-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3306
13
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
VIN UVLO at 3.0V, 2MHz, 0.5V, 1.75A, Forced Continuous Mode Step-Down Converter
2.25V to 5.5V, 2MHz, Resistor-Programmed 1V, 1.75A, Burst Mode Step-Down Converter
590k
100k
100k
10µF
L
470nH
47µF
VIN
3V TO
5V
VIN
EN
PGOOD
GND
SW
FB
LTC3306C
VOUT
0.5V
1.75A
L = DFE18SANR47MG0L
3306 TA03
fOSC = 2MHz
10µF
L
1µH
22µF
20k
20k
33pF
VIN
2.25V TO
5.5V
VIN
EN
GND
SW
FB
LTC3306A
VOUT
1V
1.75A
fOSC = 2MHz
L = DFE18SAN1R0MG0L
3306 TA04
100k
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com