Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT534FCQB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT534FCQB
Description  Octal D Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT534FCQB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74ACT534FCQB Datasheet HTML 1Page - National Semiconductor (TI) 74ACT534FCQB Datasheet HTML 2Page - National Semiconductor (TI) 74ACT534FCQB Datasheet HTML 3Page - National Semiconductor (TI) 74ACT534FCQB Datasheet HTML 4Page - National Semiconductor (TI) 74ACT534FCQB Datasheet HTML 5Page - National Semiconductor (TI) 74ACT534FCQB Datasheet HTML 6Page - National Semiconductor (TI) 74ACT534FCQB Datasheet HTML 7Page - National Semiconductor (TI) 74ACT534FCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Characteristics for ’ACT Family Devices (Continued)
74ACT
54ACT
74ACT
Symbol
Parameter
VCC
TA e
TA e
TA e
Units
Conditions
(V)
a
25 C
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
IOLD
Minimum Dynamic
55
50
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
50
b
75
mA
VOHD e 385V Min
ICC
Maximum Quiescent
55
40
800
400
m
A
VIN e VCC
Supply Current
or GND
Maximum test duration 20 ms one output loaded at a time
Note
ICC for 54ACT
25 C is identical to 74ACT
25 C
AC Electrical Characteristics
74ACT
54ACT
74ACT
VCC
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock
50
100
85
120
MHz
Frequency
tPLH
Propagation Delay
50
25
65
115
15
140
20
125
ns
CP to Qn
tPHL
Propagation Delay
50
20
60
105
15
130
20
120
ns
CP to Qn
tPZH
Output Enable Time
50
25
65
120
15
140
20
125
ns
tPZL
Output Enable Time
50
20
60
110
15
130
20
115
ns
tPHZ
Output Disable Time
50
15
70
125
15
145
10
135
ns
tPLZ
Output Disable Time
50
15
55
105
15
115
10
105
ns
Voltage Range 50 is 50V g05V
AC Operating Requirements
74ACT
54ACT
74ACT
VCC
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
CL e 50 pF
CL e 50 pF
Typ
Guaranteed Minimum
ts
Setup Time HIGH or LOW
50
10
35
50
40
ns
Dn to CP
th
Hold Time HIGH or LOW
50
b
10
10
30
15
ns
Dn to CP
tw
CP Pulse Width
50
20
35
50
35
ns
HIGH or LOW
Voltage Range 50 is 50V g05V
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com