Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1111 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1111
Description  10-bit D-type flip-flop; positive-edge trigger 3-State
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1111 Datasheet(HTML) 2 Page - NXP Semiconductors

  1111 Datasheet HTML 1Page - NXP Semiconductors 1111 Datasheet HTML 2Page - NXP Semiconductors 1111 Datasheet HTML 3Page - NXP Semiconductors 1111 Datasheet HTML 4Page - NXP Semiconductors 1111 Datasheet HTML 5Page - NXP Semiconductors 1111 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
74ABT821
10-bit D-type flip-flop; positive-edge trigger
(3-State)
1995 Sep 06
2
LOGIC SYMBOL
23
45
67
89
10 11
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9
23 22 21 20 19 18 17 16 15 14
13
1
CP
OE
SA00224
LOGIC SYMBOL (IEEE/IEC)
223
322
421
520
619
718
817
916
13
1
10
15
11
14
2D
1
C2
EN
SA00225
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING MODE
OE
CP
Dn
REGISTER
Q0 – Q9
L
L
↑
↑
l
h
L
H
L
H
Load and read register
L
↑
X
NC
NC
Hold
H
H
↑
↑
X
Dn
NC
Dn
Z
Z
Disable outputs
H = High voltage level
h
= High voltage level one set-up time
prior to the Low-to-High clock transition
L
= Low voltage level
l
= Low voltage level one set-up time
prior to the Low-to-High clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low to High clock transition
↑ = Not a Low-to-High clock transition
LOGIC DIAGRAM
CP Q
D
2
D0
Q0
23
13
CP
1
OE
CP Q
D
3
D1
Q1
22
CP Q
D
4
D2
Q2
21
CP Q
D
5
D3
Q3
20
CP Q
D
6
D4
Q4
19
CP Q
D
7
D5
Q5
18
CP Q
D
8
D6
Q6
17
CP Q
D
9
D7
Q7
16
CP Q
D
10
D8
Q8
15
CP Q
D
11
D9
Q9
14
SA00226



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com