Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3603/36 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3603/36
Description  050 Jacketed, Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3603/36 Datasheet(HTML) 1 Page - 3M Electronics

  3603/36 Datasheet HTML 1Page - 3M Electronics 3603/36 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.050
″ Jacketed, Flat Cable
28 AWG Stranded, PVC/PVC
3603 Series
90
TS-0060-15
Sheet 1 of 2
S Meets external wiring requirements of
National Electrical Code, Article 725 (CL2)
S UL listed for USA and Canadian markets
S 28 AWG stranded wire on .050 inch centers
permits mass termination to broad line of IDC
connectors
S PVC outer jacket prevents damage to cable
S Primary cable is zippable for branching or
discrete terminations
Date Modified:April 24, 2001
Physical
Jacket
Material: Polyvinyl Chloride (PVC)
Color: Black
Primary Material: PVC
Color: Gray
Marking
Standard: (UL) CL2 75C 28 AWG or AWM 20879
3M NU
C
AWM IIA/B 80C 300V FT1
EU <50V
Conductors: 28 AWG 7
× 36 [ 7 × 0.127 ] Tinned Stranded Copper
Electrical
Voltage Rating: USA: N.E.C. 725, CL2 or AWM 300V
Canada: 300V
EU: <50V
Insulation Resistance: (Primary Cable) > 1
× 1010 Ω/10 ft. [ 3m ]
Unbalanced
Balanced
Characteristic Impedance: 95
Ω
160 Ω
Capacitance: 15.5 pF/ft (50.9 pF/m)
9.4 pF/ft (30.8 pF/m)
Inductance: .14
µH/ft (0.46 µH/m) .24 µΗ/ft (0.79 µΗ/m)
Propagation Delay: 1.47 ns/ft (4.82 ns/m)
1.50 ns/ft (4.92 ns/m)
Velocity of Propagation: 69%
68%
Note: Unbalanced is measured between ground-signal-ground conductors. Balanced is measured between signal conductors within a pair.
Environmental
Temperature Rating: USA: CL2; 75
°C or AWM; –20°C to +80°C
Canada: 80
°C
Flammability Rating: USA: N.E.C. 725, CL2
Canada: FT1
UL File No.: E118773, Power Limited Circuit Cable: CL2 (or AWM Style 20879)


Similar Part No. - 3603/36

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3603 POMONA-3603 Datasheet
27Kb / 1P
Shielded Housing, Size ?쏡??BNC Female To BNC Male
logo
Mill-Max Mfg. Corp.
3603 MILL-MAX-3603 Datasheet
118Kb / 1P
PRINTED CIRCUIT PINS
logo
Heyco.
3603 HEYCO-3603 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
Kontron
36030-0000-15-5 KONTRON-36030-0000-15-5 Datasheet
1Mb / 4P
COM Express® Compact Type 6 with 11th Generation Intel® Core™
36030-0000-18-2 KONTRON-36030-0000-18-2 Datasheet
1Mb / 4P
COM Express® Compact Type 6 with 11th Generation Intel® Core™
More results

Similar Description - 3603/36

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3709 3M-3709 Datasheet
29Kb / 2P
050 Round Conductor Flat Cable
23-Jun-1999
3811 3M-3811 Datasheet
46Kb / 2P
050 Color Coded Flat Cable
19-Feb-1999
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
3659 3M-3659 Datasheet
35Kb / 2P
050, Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
logo
TE Connectivity Ltd
55FB2511 TEC-55FB2511 Datasheet
120Kb / 1P
ONE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2514 TEC-55FB2514 Datasheet
113Kb / 1P
ONE CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2521 TEC-55FB2521 Datasheet
122Kb / 1P
TWO CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2524 TEC-55FB2524 Datasheet
115Kb / 1P
TWO CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com