Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3603/37 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3603/37
Description  050 Jacketed, Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3603/37 Datasheet(HTML) 2 Page - 3M Electronics

  3603/37 Datasheet HTML 1Page - 3M Electronics 3603/37 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.050
″ Jacketed, Flat Cable
28 AWG Stranded, PVC/PVC
3603 Series
Number of
Conductors
3M Part
Number
Dimension A
± .04
Dimension B
10
3603/10
.58 [ 14.70 ]
0.450
± .007 [ 11.43 ]
16
3603/16
.88 [ 22.40 ]
0.750
± .011 [ 19.05 ]
20
3603/20
1.08 [ 27.40 ]
0.950
± .011 [ 24.13 ]
25
3603/25
1.33 [ 33.80 ]
1.200
± .011 [ 30.48 ]
26
3603/26
1.38 [ 35.10 ]
1.250
± .011 [ 31.75 ]
34
3603/34
1.78 [ 45.20 ]
1.650
± .015 [ 41.91 ]
36
3603/36
1.88 [ 47.80 ]
1.750
± .015 [ 44.45 ]
37
3603/37
1.93 [ 49.02 ]
1.800
± .015 [ 45.72 ]
40
3603/40
2.08 [ 52.83 ]
1.950
± .015 [ 49.53 ]
50
3603/50
2.58 [ 65.53 ]
2.450
± .015 [ 62.23 ]
60
3603/60
3.08 [ 78.20 ]
2.950
± .015 [ 74.93 ]
64
3603/64
3.28 [ 83.30 ]
3.150
± .015 [ 80.01 ]
A
B
.10
± .03
[ 2.5 ]
.050
± .002 Typ
[ 1.27 ]
TS-0060-15
Sheet 2 of 2
PVC Primary
Insulation
28 AWG 7 X 36 [ 7 X 0.127 ]
Tinned Stranded Copper
.026 [ 0.66 ]
Min PVC Jacket
Ordering Information
3603/XX
Note: Standard length is 100 ft/roll.
Number of Conductors
(See Table)
Note: Red marking on one edge of primary cable designates wire #1.
Paper
(Mfgr. Option)
Inch
[mm]
± .010
± .1 ± .05
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
R
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com