Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC496LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC496LP3
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC496LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC496LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
8
8 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Noise vs. LO Power
Over Temperature@ 5800 MHz
Output Noise vs. LO Power
Over Supply@ 5800 MHz
Sideband Suppression*
vs. LO Power@ 5800 MHz
Carrier Suppression*
vs. LO Power@ 5800 MHz
Output IP3 & Output Power vs.
LO Power Over Temperature@ 5800 MHz
Output IP3 & Output Power vs.
LO Power Over Supply@ 5800 MHz
-10
-5
0
5
10
15
20
-2
-1
0
1
2
3
4
-3
-2
-1
01234
56
7
8
9
+25 C
+85 C
-40 C
LO POWER (dBm)
-10
-5
0
5
10
15
20
-2
-1
0
1
2
3
4
-3
-2
-1
01234
56
7
8
9
+2.7 V
+3.0 V
+3.3 V
LO POWER (dBm)
-170
-165
-160
-155
-150
-145
-140
-3
-2
-1
01
2
3
456789
+25 C
+85 C
-40 C
LO POWER (dBm)
-170
-165
-160
-155
-150
-145
-140
-3
-2
-1
01
2
3
456789
+2.7 V
+3.0 V
+3.3 V
LO POWER (dBm)
-60
-50
-40
-30
-20
-3
-2
-1
01
2
3
456789
UNCALIBRATED, +25C
CALIBRATED, +25C
UNCALIBRATED, OVER TEMP
CALIBRATED, OVER TEMP
LO POWER (dBm)
-60
-50
-40
-30
-20
-3
-2
-1
01
2
3
456789
UNCALIBRATED, +25C
CALIBRATED, +25C
UNCALIBRATED, OVER TEMP
CALIBRATED, OVER TEMP
LO POWER (dBm)
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 4.0 - 7.0 GHz
v03.0206
HMC496LP3 / 496LP3E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com