Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3749/34 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3749/34
Description  025 Round Conductor Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3749/34 Datasheet(HTML) 2 Page - 3M Electronics

  3749/34 Datasheet HTML 1Page - 3M Electronics 3749/34 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.025
″ Round Conductor Flat Cable
30 AWG Solid, TPE
3749 Series
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
20
3749/20
0.500
± .006 [ 12.70 ]
0.475
± .004 [ 12.07 ]
26
3749/26
0.650
± .006 [ 16.51 ]
0.625
± .004 [ 15.88 ]
34
3749/34
0.850
± .009 [ 21.59 ]
0.825
± .006 [ 20.96 ]
36
3749/36
0.900
± .009 [ 22.86 ]
0.875
± .006 [ 22.23 ]
40
3749/40
1.000
± .009 [ 25.40 ]
0.975
± .006 [ 24.77 ]
50
3749/50
1.250
± .009 [ 31.75 ]
1.225
± .006 [ 31.12 ]
60
3749/60
1.500
± .012 [ 38.10 ]
1.475
± .009 [ 37.47 ]
68
3749/68
1.700
± .012 [ 43.18 ]
1.675
± .009 [ 42.55 ]
80
3749/80
2.000
± .015 [ 50.80 ]
1.975
± .011 [ 50.17 ]
100
3749/100
2.500
± .015 [63.50 ]
2.475
± .012 [ 62.87 ]
A
B
.025
 .003
[ 0.64 ]
TPE Insulation
TS-0068-14
Sheet 2 of 2
3749/XX
Blank = Standard
C = Canadian Certified
Version
Number of Conductors
(See Table)
Note:
2. Available in standard lengths of 100 feet or 300 feet per roll, please specify when ordering.
Ordering Information
.013
 .005
[ 0.33 ]
.025
 .002 Typ
[ 0.64 ]
30 AWG [0.254] Tinned
Solid Copper Conductors
Note:
1. Blue marking on one edge of cable designates wire #1.
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
®
®
(OPTIONAL)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com