Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3754/60 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3754/60
Description  Round Conductor Flat Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3754/60 Datasheet(HTML) 2 Page - 3M Electronics

  3754/60 Datasheet HTML 1Page - 3M Electronics 3754/60 Datasheet HTML 2Page - 3M Electronics 3754/60 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round Conductor Flat Cable
.025
″ 30 AWG Stranded, PVC
3754 Series
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
20
3754/20
0.500 ± .006 [ 12.70 ]
0.475 ± .004 [ 12.07 ]
26
3754/26
0.650 ± .006 [ 16.51 ]
0.625 ± .004 [ 15.88 ]
30
3754/30
0.750 ± .006 [ 19.05 ]
0.725 ± .006 [ 18.42 ]
32
3754/32
0.800 ± .008 [ 20.32 ]
0.775 ± .006 [ 19.69 ]
34
3754/34
0.850 ± .009 [ 21.59 ]
0.825 ± .006 [ 20.96 ]
36
3754/36
0.900 ± .009 [ 22.86 ]
0.875 ± .006[ 22.23 ]
40
3754/40
1.000 ± .009[ 25.40 ]
0.975 ± .006 [ 24.77 ]
50
3754/50
1.250 ± .009 [ 31.75 ]
1.225 ± .006 [ 31.12 ]
52
3754/52
1.300 ± .009 [ 33.02 ]
1.275 ± .006 [ 32.39 ]
60
3754/60
1.500 ± .012 [ 38.10 ]
1.475 ± .009 [ 37.47 ]
68
3754/68
1.700 ± .012 [ 43.18 ]
1.675 ± .009 [ 42.55 ]
80
3754/80
2.000 ± .015 [ 50.80 ]
1.975 ± .011 [ 50.17 ]
100
3754/100
2.500 ± .015 [ 63.50 ]
2.475 ± .012 [ 62.87 ]
Inch
[mm]
±.005
±.1
±.01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
TS-0875-11
Sheet 2 of 2
Ordering Information
Note:
2. Standard lengths of 300 feet.
Note:
1. Red marking on one edge of cable designates wire #1.
3754/XX
Blank = Standard
C = Canadian Certified Version
Number of Conductors
(See Table)
(OPTIONAL)
A
B
.025
± .002 Typ
[ 0.64 ]
.013
± .005
[ 0.33 ]
.025
± .003
[ 0.64 ]
PVC Insulation
30 AWG 7 X 38 ( 7 X 0.102 ) Tinned
Stranded Copper Conductors



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com