Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3900 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3900
Description  100 x 100, PCB Two Row
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3900 Datasheet(HTML) 1 Page - 3M Electronics

  3900 Datasheet HTML 1Page - 3M Electronics 3900 Datasheet HTML 2Page - 3M Electronics 3900 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.100
″  .100″ PCB
Two Row
3900 Series
1
S Fits standard .100 inch × .100 inch header layout
S Uses less board area than 4-row design
S Optional strain relief
TS-0004-13
Sheet 1 of 3
Date Modified: February 19, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: See Ordering Information
Plating
Underplate: 2.5
µm [100 µ″] Nickel — QQ-N-290, Class 2
U-Slot & Solder Tails: 5.1
µm [200 µ″] [ 90/10 ] Tin Lead — MIL-P-81728
Marking: 3M Logo, Part Identification Number
Strain Relief
Material: Stainless Steel, 0.38 [0.15] Thk
Gray PVC
Wire Accommodation: Solid or Stranded 26 & 28 AWG
Electrical
Current Rating: 1 A
Insulation Resistance: > 1
× 109 Ω at 500 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: – 55
°C to +105°C
UL File No.: E68080


Similar Part No. - 3900

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3900 EBMPAPST-3900 Datasheet
358Kb / 1P
TUBEAXIAL
3900 EBMPAPST-3900 Datasheet
292Kb / 4P
AC axial compact fan
logo
Pentair plc. All rights...
3900 PENTAIR-3900 Datasheet
3Mb / 40P
A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
Adafruit Industries
3900 ADAFRUIT-3900 Datasheet
966Kb / 3P
Adafruit HalloWing M0 Express
logo
Molex Electronics Ltd.
3900-4500 MOLEX-3900-4500 Datasheet
346Kb / 5P
Fine Adjust Applicator for Micro-Fit 3.0 Crimp Terminals
07-06-17
More results

Similar Description - 3900

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4600 3M-4600 Datasheet
45Kb / 4P
100 X 100, Plug
19-Feb-1999
99410-0016T 3M-99410-0016T Datasheet
112Kb / 4P
Pak 100 PCB 100 × 100 Two Row
29-Apr-2004
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
100 x 100 x 38 MM SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com