Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

533708 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 533708
Description  Quick coupling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

533708 Datasheet(HTML) 1 Page - Festo Corporation.

  533708 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quick coupling
EAMC-30-32-6-8
Part number: 533708
Data sheet
Feature
Value
Diameter of holder 1
6 mm
Diameter of holder 2
8 mm
Size
30
Nominal length
32 mm
Mounting position
Any
Max. rotational speed
8000 1/min
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-25 °C ... 60 °C
Relative air humidity
0 - 95 %
Ambient temperature
-25 °C ... 60 °C
Mass moment of inertia
5.87 kgmm²
Transferable torque
6.5 Nm
Product weight
48 g
Note on materials
RoHS-compliant
1/26/23 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 533708

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
533701B02552G AAVID-533701B02552G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
533702B02552G AAVID-533702B02552G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Festo Corporation.
533709 FESTO-533709 Datasheet
82Kb / 1P
Quick coupling
1/26/23
More results

Similar Description - 533708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8154713 FESTO-8154713 Datasheet
65Kb / 1P
Quick coupling
7/21/22
3717812 FESTO-3717812 Datasheet
77Kb / 1P
Quick coupling
3717923 FESTO-3717923 Datasheet
78Kb / 1P
Quick coupling
4820335 FESTO-4820335 Datasheet
84Kb / 1P
Quick coupling
5063729 FESTO-5063729 Datasheet
78Kb / 1P
Quick coupling
5063745 FESTO-5063745 Datasheet
76Kb / 1P
Quick coupling
5070937 FESTO-5070937 Datasheet
76Kb / 1P
Quick coupling
5200227 FESTO-5200227 Datasheet
78Kb / 1P
Quick coupling
5200241 FESTO-5200241 Datasheet
79Kb / 1P
Quick coupling
5225774 FESTO-5225774 Datasheet
78Kb / 1P
Quick coupling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com