Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFF55H120SWF Datasheet(PDF) 3 Page - ON Semiconductor

Part # PCFF55H120SWF
Description  Diode – Power, Bare Die Gen VII, Fast Recovery 1200 V, 55 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCFF55H120SWF Datasheet(HTML) 3 Page - ON Semiconductor

  PCFF55H120SWF Datasheet HTML 1Page - ON Semiconductor PCFF55H120SWF Datasheet HTML 2Page - ON Semiconductor PCFF55H120SWF Datasheet HTML 3Page - ON Semiconductor PCFF55H120SWF Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PCFF55H120SWF
www.onsemi.com
3
Figure 1. Die Layout
3,400 mm
2,437 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com