Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ44VPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ44VPBF
Description  Ultra Low On-Resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44VPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFZ44VPBF Datasheet HTML 1Page - International Rectifier IRFZ44VPBF Datasheet HTML 2Page - International Rectifier IRFZ44VPBF Datasheet HTML 3Page - International Rectifier IRFZ44VPBF Datasheet HTML 4Page - International Rectifier IRFZ44VPBF Datasheet HTML 5Page - International Rectifier IRFZ44VPBF Datasheet HTML 6Page - International Rectifier IRFZ44VPBF Datasheet HTML 7Page - International Rectifier IRFZ44VPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFZ44VPbF
HEXFET® Power MOSFET
11/10/03
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
55
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
39
A
IDM
Pulsed Drain Current
220
PD @TC = 25°C
Power Dissipation
115
W
Linear Derating Factor
0.77
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
115
mJ
IAR
Avalanche Current
55
A
EAR
Repetitive Avalanche Energy
11
mJ
dv/dt
Peak Diode Recovery dv/dt
4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.3
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 16.5mΩ
ID = 55A
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Fully Avalanche Rated
Optimized for SMPS Applications
Description
PD - 94826
Lead-Free


Similar Part No. - IRFZ44VPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFZ44VPBF KERSEMI-IRFZ44VPBF Datasheet
3Mb / 8P
Advanced Process Technology
logo
International Rectifier
IRFZ44VPBF IRF-IRFZ44VPBF Datasheet
232Kb / 8P
ADVANCED PROCESS TECHNOLOGY
IRFZ44VPBF IRF-IRFZ44VPBF_15 Datasheet
232Kb / 8P
ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFZ44VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
Ultra Low On-Resistance
IRF7425TRPBF IRF-IRF7425TRPBF Datasheet
157Kb / 9P
Ultra Low On-Resistance
IRLML5203GTRPBF IRF-IRLML5203GTRPBF Datasheet
199Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFR4105 KERSEMI-IRFR4105 Datasheet
3Mb / 10P
Ultra Low On-Resistance
IRFU3303PBF KERSEMI-IRFU3303PBF Datasheet
3Mb / 10P
ULTRA LOW ON-RESISTANCE
IRFU4105PBF KERSEMI-IRFU4105PBF Datasheet
3Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF8852TRPBF IRF-IRF8852TRPBF Datasheet
276Kb / 10P
 Ultra Low On-Resistance
IRLML6402GTRPBF IRF-IRLML6402GTRPBF Datasheet
188Kb / 8P
Ultra Low On-Resistance
IRFR9024NTRLPBF IRF-IRFR9024NTRLPBF Datasheet
1Mb / 11P
Ultra Low On-Resistance
IRLMS2002TR IRF-IRLMS2002TR Datasheet
100Kb / 8P
Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com