Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WOP-207K Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # WOP-207K
Description  7" WVGA Operator Panel Installed with HMINavi Software
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WOP-207K Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  WOP-207K Datasheet HTML 1Page - Advantech Co., Ltd. WOP-207K Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Operator Panels
Features
WOP-207K
Specifications
General
ƒ
Certification
CE, FCC, UL61010
ƒ
Dimensions (W x H x D) 189.6 x 144.9 x 36mm (7.46' x 5.70' x 1.42')
ƒ
Cutout Dimensions
175 x 132.5mm (6.89' x 5.22')
ƒ
Front Panel Thickness 6 mm (0.23 in)
ƒ
Operating System
HMI RTOS, HMINavi Designer
ƒ
Power Supply Voltage 24VDC ± 10%, Isolation
ƒ
Power Consumption
20W
ƒ
Enclosure Housing
Plastic
ƒ
Mount Options
Panel
ƒ
Weight (Net)
0.55 kg (1.21 lbs)
System Hardware
ƒ
CPU
ARM9™ 32-bit RISC processor
ƒ
Battery Backup Memory 128KB
ƒ
Working Memory
64 MB SDRAM
ƒ
Storage
128 MB NAND Flash
Runtime Max Size: 64 MB
Data Logger Max Size: 64 MB
Communication Interface
ƒ
COM1
RS-232 (DB9 Female)
ƒ
COM2
RS-422/485 (COM1: Pin 1, 4, 5, 6, 9)
ƒ
COM3
RS-485 (COM1: Pin 5, 7, 8)
ƒ
Ethernet (RJ45)
10/100-BaseT
ƒ
I/Os
1 x USB (Client)
1 x USB (Host)
LCD and Touchscreen
ƒ
Display Type
WVGA TFT LCD
ƒ
Display Size
7"
ƒ
Max. Resolution
800 x 480
ƒ
Max. Colors
65,536 colors
ƒ
Luminance (cd/m2)
400
ƒ
Backlight Life
LED, 20,000 hr
ƒ
Touchscreen
4 wires analog resistive
Environment
ƒ
Operating Temperature -10 ~ 60°C (14 ~ 140° F)
ƒ
Storage Temperature
-20 ~ 70°C (-4 ~ 158° F)
ƒ
Humidity
95% RH @ 40°C, non-condensing
ƒ
Ingress Protection
Front panel: IP66
ƒ
Vibration Protection
5 ~ 500Hz (X,Y,Z direction, 1Grms, 1hour per axis)
Ordering Information
ƒ
WOP-207K-NAE
7" WVGA, 64MB, 128MB(NAND), Serial x3, Ethernet
ƒ
ARM9™ 32-bit RISC processor with 64 MB SDRAM working memory
ƒ
Supports over 500+ PLC industrial communication protocols
ƒ
Backup memory 128KB for retaining critical data or parameter
ƒ
Supports the HMINavi Designer development tool free on Windows 10
ƒ
Supports HMINavi Runtime data downloads through Serial, Ethernet, USB port
ƒ
No limitation on the internal I/Os points used for variety application
ƒ
Reliable firmware setting from HMINavi software for 24/7 operation
ƒ
Easy to switch one application to different LCD sizes in seconds
ƒ
Supports operation in both landscape and portrait mode
ƒ
Panel mount design ensures easy installation and IP66-rated front panel
7" WVGA Operator Panel Installed
with HMINavi Software
Introduction
To fulfill the stringent standards of the automation market, especially for packaging, label slitting, and F&B applications, Advantech developed the WOP-200K series for diverse
operations that involve PLCs, thermal controllers, inverters, and sensors. Powered by an ARM9™ 32-bit RISC processor with 64 MB working memory, the WOP-200K series systems
are available with LCDs of varying size (from 4.3" to 15"). Additionally, WOP-200K systems are bundled with Advantech’s HMINavi software – a human-machine interface designed
for HMI applications to reduce labor and improve manufacturing efficiency through visualization. Powerful connectivity drivers support 500+ variety market brands of PLC.
All product specifications are subject to change without notice.
Last updated: 10-Aug-2021


Similar Part No. - WOP-207K

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WOP-2070T-N2AE ADVANTECH-WOP-2070T-N2AE Datasheet
475Kb / 2P
7" WVGA Operator Panel with WebOP Designer Software
WOP-2070T-S2AE ADVANTECH-WOP-2070T-S2AE Datasheet
475Kb / 2P
7" WVGA Operator Panel with WebOP Designer Software
More results

Similar Description - WOP-207K

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WOP-2040T-S1AE ADVANTECH-WOP-2040T-S1AE Datasheet
492Kb / 2P
4.3" WQVGA Operator Panel with WebOP Designer Software
WOP-2070T-S2AE ADVANTECH-WOP-2070T-S2AE Datasheet
475Kb / 2P
7" WVGA Operator Panel with WebOP Designer Software
WOP-2080T-S2AE ADVANTECH-WOP-2080T-S2AE Datasheet
499Kb / 2P
8" SVGA Operator Panel with WebOP Designer Software
WOP-2100T-S2AE ADVANTECH-WOP-2100T-S2AE Datasheet
514Kb / 2P
10.1 WSVGA Operator Panel with WebOP Designer Software
WOP-3070T-C4AE ADVANTECH-WOP-3070T-C4AE Datasheet
478Kb / 2P
7" WVGA Cortex??- A8 Operator Panel with Wide Operating Temperature Range
WOP-212K ADVANTECH-WOP-212K Datasheet
471Kb / 2P
12 XGA Operator Panel Installed with HMINavi Software
10-Aug-2021
WOP-204K ADVANTECH-WOP-204K Datasheet
495Kb / 2P
4.3" WQVGA Operator Panel Installed with HMINavi Software
10-Aug-2021
WOP-208K ADVANTECH-WOP-208K Datasheet
499Kb / 2P
8" SVGA Operator Panel Installed with HMINavi Software
10-Aug-2021
WOP-210K ADVANTECH-WOP-210K Datasheet
611Kb / 2P
10.1" WSVGA Operator Panel Installed with HMINavi Software
11-Aug-2021
WOP-215K ADVANTECH-WOP-215K Datasheet
442Kb / 2P
15" XGA Operator Panel Installed 15" XGA Operator Panel Installed
10-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com