Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8250 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8250
Description  D Sub Plug Connector, 50 Position
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8250 Datasheet(HTML) 1 Page - 3M Electronics

  8250 Datasheet HTML 1Page - 3M Electronics 8250 Datasheet HTML 2Page - 3M Electronics 8250 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
D Sub
Plug Connector, 50 Position
8250 Series
14
TS-0035-15
Sheet 1 of 3
S IDC compatible
S Dimples aid in EMI/ESD protection
S Lower insertion/withdrawal force than other
50 position products
S Available in either open or closed end cover
S Mounting options include #4-40 UNC or
metric M2.5 threated inserts
S Conforms to Intelligent Peripheral Interface
(IPI) standard
Date Modified: November 29, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating
Underplate: 100
µ″ (1.27 µm) Nickel — QQ-N-290, Class 2
Wiping Area: 30
µ″ (0.76 µm) Gold — MIL-G-45204, Type II, Grade C
Shell
Material: Steel
Plating: Tin
Strain Relief Material: Stainless Steel .020 (0.50) Thick
Wire Accommodation: 26 & 28 AWG Solid or Stranded
Marking: 3M Logo & Contact Position Numbers
Electrical
Current Rating: 1 A
Insulation Resistance: > 1
× 109 Ω at 500 VDC
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: –55
° to +105°
UL File No.: E68080


Similar Part No. - 8250

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8250 MALLORY-8250 Datasheet
134Kb / 2P
MSD HVC Coil
logo
Bourns Electronic Solut...
8250-100K-RC BOURNS-8250-100K-RC Datasheet
262Kb / 2P
Shielded RF Choke
8250-101K-RC BOURNS-8250-101K-RC Datasheet
262Kb / 2P
Shielded RF Choke
8250-120K-RC BOURNS-8250-120K-RC Datasheet
262Kb / 2P
Shielded RF Choke
8250-121K-RC BOURNS-8250-121K-RC Datasheet
262Kb / 2P
Shielded RF Choke
More results

Similar Description - 8250

ManufacturerPart #DatasheetDescription
logo
3M Electronics
89809-8000 3M-89809-8000 Datasheet
37Kb / 3P
D Sub Plug Connector
23-Sep-1999
logo
CONEC Elektronische Bau...
163X10019X CONEC-163X10019X Datasheet
70Kb / 1P
D-SUB PLUG CONNECTOR
logo
Winchester Electronics ...
RM13W6P-1015 WINCHESTER-RM13W6P-1015 Datasheet
138Kb / 1P
D-SUB PLUG CONNECTOR
RM13W6P-1016 WINCHESTER-RM13W6P-1016 Datasheet
134Kb / 1P
D-SUB PLUG CONNECTOR
RM13W6P-1017 WINCHESTER-RM13W6P-1017 Datasheet
136Kb / 1P
D-SUB PLUG CONNECTOR
RM21WA4P-1028 WINCHESTER-RM21WA4P-1028 Datasheet
182Kb / 1P
D-SUB PLUG CONNECTOR
logo
Adam Technologies, Inc.
DD50-HD-PN-TS ADAM-TECH-DD50-HD-PN-TS Datasheet
76Kb / 1P
HOOD FOR 50 POSITION D-SUB WITH THUMB SCRENS
DB25-PJR-24 ADAM-TECH-DB25-PJR-24 Datasheet
87Kb / 1P
D-SUB CONNECTOR PLUG
DD50-ST-1-BL-JS ADAM-TECH-DD50-ST-1-BL-JS Datasheet
109Kb / 1P
50 POSITION D-SUB SOCKET
DD50-ST-2 ADAM-TECH-DD50-ST-2 Datasheet
102Kb / 1P
50 POSITION D-SUB SOCKET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com