Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MFX Datasheet(PDF) 4 Page - TECH PUBLIC Electronics co LTD

Part # LM321MFX
Description  LOW POW ER SINGLE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

LM321MFX Datasheet(HTML) 4 Page - TECH PUBLIC Electronics co LTD

  LM321MFX Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD LM321MFX Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD LM321MFX Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD LM321MFX Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD LM321MFX Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD LM321MFX Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-
+
Volgate Follower
VIN
VO
-
+
Non Inverting DC Amplifier
R2
R1
VO
VIN
AV=1+R1/R2
-
+
DC Summing Amplifier
R
R
VO
V1
V2
V3
V4
VO=V1+V2-V3-V4
Where (V1+V2)≧(V3+V4)
To Keep VO≧0V
-
+
Square-wave Oscillator
R
R
VO
VIN
R
R
-
+
DC Coupled Low-Pass RC Active Filter
R
R
VO
F0=1KHz, Q=1, AV=2
VIN
C
R
R
C
-
+
Pulse Generator
R
R
VO
VIN
R
R
C
R
APPLICATION CIRCUIT
www.sot23.com.tw
3
LOW POW ER SINGLE OPERATIONAL AMPLIFIER
LM321MFX
WINBILL@TECHPUBLIC.COM.TW TEL:86-755-82706603



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com