Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC577LC4B Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC577LC4B
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC577LC4B Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC577LC4B Datasheet HTML 1Page - Hittite Microwave Corporation HMC577LC4B Datasheet HTML 2Page - Hittite Microwave Corporation HMC577LC4B Datasheet HTML 3Page - Hittite Microwave Corporation HMC577LC4B Datasheet HTML 4Page - Hittite Microwave Corporation HMC577LC4B Datasheet HTML 5Page - Hittite Microwave Corporation HMC577LC4B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
7 - 95
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC577LC4B
Output Power vs.
Temperature @ 5 dBm Drive Level
Output Power vs.
Supply Voltage @ 5 dBm Drive Level
Output Power vs. Drive Level
v00.0506
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 27 - 31 GHz OUTPUT
Output Power vs. Input Power
Isolation @ 5 dBm Drive Level
6
8
10
12
14
16
18
20
22
24
26
25
26
27
28
29
30
31
32
33
+25C
+85C
-40C
OUTPUT FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
25
26
27
28
29
30
31
32
33
Fo
2Fo
3Fo
FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
20
25
-10
-8
-6
-4
-2
0
2
4
6
8
10
13.5GHz
15GHz
16.5GHz
INPUT POWER (dBm)
6
8
10
12
14
16
18
20
22
24
26
25
26
27
28
29
30
31
32
33
Vdd=4.5V
Vdd=5.0V
Vdd=5.5V
OUTPUT FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
20
25
25
26
27
28
29
30
31
32
33
OUTPUT FREQUENCY (GHz)
-6 dBm
-4 dBm
-2 dBm
6 dBm
4 dBm
2 dBm
0 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com