Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.142..PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-VSK.142..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.142..PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-VSK.142..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.142..PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
2
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.136 VSK.142 VSK.162
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
135
140
160
A
85
85
85
°C
Maximum RMS on-state current
IT(RMS)
As AC switch
300
310
355
A
Maximum peak, one-cycle
on-state, non-repetitive
surge current
ITSM
t = 10 ms
No voltage
reapplied
Sine half wave,
initial TJ = 
TJ maximum
3200
4500
4870
t = 8.3 ms
3360
4712
5100
t = 10 ms
100 % VRRM 
reapplied
2700
3785
4100
t = 8.3 ms
2800
3963
4300
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
51.5
102
119
kA2s
t = 8.3 ms
47
92.5
108
t = 10 ms
100 % VRRM 
reapplied
36.5
71.6
84
t = 8.3 ms
33.3
65.4
76.7
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
515.5
1013
1190
kA2
s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ maximum
0.86
0.83
0.8
V
High level value of threshold voltage
VT(TO)2
(I >
 x I
T(AV)), TJ maximum
1.05
1
0.98
Low level value on-state
slope resistance
rt1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ maximum
2.02
1.78
1.67
m
High level value on-state
slope resistance
rt2
(I >
 x I
T(AV)), TJ maximum
1.65
1.43
1.38
Maximum on-state voltage drop
VTM
ITM =  x IT(AV), TJ = 25 °C, 180° conduction
1.57
1.55
1.54
V
Maximum forward voltage drop
VFM
ITM =  x IT(AV), TJ = 25 °C, 180° conduction
1.57
1.55
1.54
V
Maximum holding current
IH
Anode supply = 6 V initial IT = 30 A, TJ = 25 °C
200
mA
Maximum latching current
IL
Anode supply = 6 V resistive load = 1

Gate pulse: 10 V, 100 μs, TJ = 25 °C
400
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical delay time
tgd
TJ = 25 °C
Gate current = 1 A, dlg/dt = 1 A/μs
Vd = 0.67 % VDRM
1
μs
Typical rise time
tgr
2
Typical turn-off time
tq
ITM = 300 A, - dl/dt = 15 A/μs; TJ = TJ maximum
VR = 50 V; dV/dt = 20 V/μs; gate 0 V, 100 
50 to 200
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = 125 °C
50
mA
RMS insulation voltage
VINS
50 Hz, circuit to base,
all terminals shorted, t = 1 s
3500
V
Critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum,
exponential to 67 % rated VDRM
1000
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com