Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-VSK.162..PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-VSK.162..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.162..PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-VSK.162..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.162..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.162..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.162..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.162..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.162..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.162..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.162..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.162..PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
1
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A
(INT-A-PAK Power Modules)
FEATURES
• High voltage
• Electrically isolated by DBC ceramic (AI2O3)
• 3500 VRMS isolating voltage
• Industrial standard package
• High surge capability
• Glass passivated chips
• Modules uses high voltage power thyristor/diodes in three
basic configurations
• Simple mounting
• UL approved file E78996
• Designed and qualified for multiple level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• DC motor control and drives
• Battery charges
• Welders
• Power converters
• Lighting control
• Heat and temperature control
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
IT(AV)
135 A to 160 A
Type
Modules - thyristor, standard
Package
INT-A-PAK
INT-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VSK.136..
VSK.142..
VSK.162..
UNITS
IT(AV)
85 °C
135
140
160
A
IT(RMS)
300
310
355
A
ITSM
50 Hz
3200
4500
4870
60 Hz
3360
4712
5100
I2t
50 Hz
51.5
102
119
kA2s
60 Hz
47
92.5
108
I2
t
515.5
1013
1190
kA2
s
VRRM
Range
400 to 1600
400 to 1600
400 to 1600
V
TJ
Range
-40 to +125
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM/VDSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM/IDRM
AT 125 °C
mA
VS-VSK.136
VS-VSK.142
VS-VSK.162
04
400
500
50
08
800
900
12
1200
1300
14
1400
1500
16
1600
1700


Similar Part No. - VS-VSK.162..PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.162..PBF VISHAY-VS-VSK.162..PBF Datasheet
402Kb / 14P
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
27-Jul-2018
More results

Similar Description - VS-VSK.162..PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT136 VISHAY-VSKT136 Datasheet
390Kb / 12P
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAKTM Power Modules)
12-Aug-08
VSKT136 VISHAY-VSKT136_10 Datasheet
408Kb / 13P
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
04-May-10
logo
Nell Semiconductor Co.,...
NKT200-16A NELLSEMI-NKT200-16A Datasheet
1Mb / 4P
Thyristor/Diode and Thyristor/Thyristor, 200A(New INT-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSK.136PBF VISHAY-VS-VSK.136PBF Datasheet
406Kb / 14P
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
11-Apr-14
VS-VSKU162PBF VISHAY-VS-VSKU162PBF Datasheet
249Kb / 9P
Thyristor/Thyristor, 160 A (New INT-A-PAK Power Modules)
20-Nov-15
VS-VSK136PBF VISHAY-VS-VSK136PBF_V01 Datasheet
403Kb / 14P
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
27-Jul-2018
VS-VSKU162PBF VISHAY-VS-VSKU162PBF_V01 Datasheet
246Kb / 9P
Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
27-Jul-2018
VS-VSK..136PBF VISHAY-VS-VSK..136PBF Datasheet
402Kb / 14P
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
27-Jul-2018
VS-VSKU162...PBF VISHAY-VS-VSKU162...PBF Datasheet
245Kb / 9P
Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
27-Jul-2018
VS-VSKU162 VISHAY-VS-VSKU162 Datasheet
246Kb / 9P
Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
27-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com