Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRP-CSS-UNO Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ESRP-CSS-UNO
Description  Secured Edge Analyzer Intelligent Platform with Azure IoT Edge & WISE-EdgeLink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ESRP-CSS-UNO Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ESRP-CSS-UNO Datasheet HTML 1Page - Advantech Co., Ltd. ESRP-CSS-UNO Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ESRP-CSS-UNO2484, ESRP-CSS-UNO2372
ESRP-CSS-UNO1372, ESRP-CSS-UNO2271
Edge Solution-Ready Package
Intelligent Platform with Azure IoT Edge & WISE-EdgeLink
Part Number
ESRP-CSS-UNO2484
ESRP-CSS-UNO2372
ESRP-CSS-UNO1372
ESRP-CSS-UNO2271
Operating System
AdvLinuxTU
Application Software
Microsoft Azure IoT Edge Engine
Control Software
WISE-EdgeLink 8000 tags
WISE-EdgeLink 5000 tags
WISE-EdgeLink 5000 tags
WISE-EdgeLink 3000 tags
CPU
Intel® Core™ i5-7300U (2.6 GHz)
Intel® Celeron™ J1900 (2.0 GHz)
Intel® Celeron™ J1900 (2.0 GHz)
Intel® Atom™ E3825 (1.33 GHz)
Memory
8 GB DDR4
4 GB DDR3L
4 GB DDR3L
4 GB DDR3L
Display Size/Type
1 x HDMI, supports 1920x1080 @ 60Hz
1 x DP,
supports 3840x2160 @ 30Hz
1 x DP, supports 2560x1440 @ 60Hz
-
Storage
32 GB SSD
64 GB SSD
32 GB SSD
32 GB eMMC
Expansion Slots
1 x Full-size mPCIe slot
Network (LAN)
4 x RJ45
2 x RJ45
10/100/1000 Mbps IEEE 802.3u 1000Base-T Fast Ethernet
I/O
4 x RS-232/422/485
4 x RS232/422/485
4 x RS-232/422/485
2 x RS 232/422/485
4 x USB 3.0
1 x USB 3.0, 3 x USB 2.0
1 x USB 3.0, 3 x USB 2.0
1 x USB 3.0
-
-
4 x DI (Dry/Wet Contact)
4 x DO (Sink Type)
-
Power Input (Voltage)
10 ~ 36 VDC
Operating Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
0 ~ 50 °C (32 ~ 122 °F)
Storage Temperature
40 ~ 85 °C (-40 ~ 185 °F)
-20 ~ 70 °C (-4 ~ 158 °F)
Dimensions (W x D X H)
200 x 140 x 40 mm
(7.8" x 5.6" x 1.6" in)
150 x 105 x 35mm
(5.8" x 4.2" x 1.4")
65 x 105 x 150mm
(2.6" x 4.1" x 5.9" in)
100 x 70 x 65 mm
(3.9" x 2.8" x 2.6" in)
Certification
CE, FCC Class A, UL, CCC, BSMI
Extends cloud intelligence and analytics to edge devices
Enable container-based engine solution
Offers secure cloud communication and edge intelligence
WISE-EdgeLink supports more than 200 PLC device
IoT solutions, such as stream analytics, machine learning, image recognition, and other high-value AI modules,
deployed from the cloud to the edge to support diverse applications.
Azure IoT Edge is a containerized solution supported Moby engine, and enterprise-ready managed service for
running highly available clusters for control, and security in Azure cloud infrastructure.
The inclusion of Azure IoT Edge Security Daemon and onboard TPM 2.0 increases device security while a SSL
ensures connectivity between the cloud and intelligent edge.
Edgelink supports more than 200 PLC device for collecting data from devices, and features plug-and-play
functionality which reduce software development time. Eliminate the gap between OT and IT.
Ordering Information
ESRP-CSS-UNO2484
Cloud-Ready Secured Azure IoT Edge Gateway with WISE-EdgeLink Linux 8000 tags
UNO-2484G-7531AE, 8 GB RAM, 32 GB SSD, AdvLinuxTU
ESRP-CSS-UNO2372
Cloud-Ready Secured Azure IoT Edge Gateway with WISE-EdgeLink Linux 5000 tags
UNO-2372G-J021AE, 4 GB RAM, 64 GB SSD, AdvLinuxTU
ESRP-CSS-UNO1372
Cloud-Ready Secured Azure IoT Edge Gateway with WISE-EdgeLink Linux 5000 tags
UNO-1372G-J021AE, 4 GB RAM, 32 GB SSD, AdvLinuxTU
ESRP-CSS-UNO2271
Cloud-Ready Secured Azure IoT Edge Gateway with WISE-EdgeLink Linux 3000 tags
UNO-2271G-E023AE, 4 GB RAM, 32 GB eMMC, AdvLinuxTU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com