Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOGNE24 Datasheet(PDF) 1 Page - Belden Inc.

Part # GOGNE24
Description  Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 24f MM OM4.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GOGNE24 Datasheet(HTML) 1 Page - Belden Inc.

  GOGNE24 Datasheet HTML 1Page - Belden Inc. GOGNE24 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GOGNE24
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) + PE + PA with 1 Tube
of Ø3.3mm 24f MM OM4.
Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (improved rodent protection) as strength member and polyethylene outer
jacket plus termite protection by polyamide layer. Product feature: This cable has improved rodent protection by glass yarnstermite protection by polyamide
layer and . Existing out of 1 Tube with a diameter of 3.3mm with 24 fibers MM OM4.
Technical Specifications
Product Overview
Construction Type:
Central Loose Tube
Environmental Space:
Outdoor
Suitable Applications:
For outdoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For outdoor use in networks
for industrial, telecom, cable TV and/or broadcast. Easy to install in ducts, tunnels and trenches and/or tubes. Suitable for Direct Burial.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
Subunit Color
OM4
24
TIA coding (Gxxxxxx.T): Natural
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White, Red, Black, Yellow, Violet, Pink, Aqua. With Ringmark: BL, OR, GR, BR, GY, WT, RD, BK, YL, VT, PK, AQ
Cable Core Water Tight:
Yes
Cable Core
Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
54 kg/km
SubUnit Specifications
Number of Active
Subunits:
1
Number of Subunit
Positions:
1
Fibers Per Subunit:
24
Subunit Diameter:
3.3 mm
Subunit Waterblocking:
Gel Filled
Jacket Specifications
Number of Jackets:
Double Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color Nominal Diameter Ripcord
PE - Polyethylene Black
7.1 mm
No
Nylon
Black
8.1 mm
Table Notes:
Standard color: Black. Available colors: Black, Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Lime Green
Optical Characteristics


Similar Part No. - GOGNE24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOGNE02 BELDEN-GOGNE02 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
GOGNE04 BELDEN-GOGNE04 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 4f MM OM4.
2023 Belden, Inc
GOGNE06 BELDEN-GOGNE06 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 6f MM OM4.
2023 Belden, Inc
GOGNE08 BELDEN-GOGNE08 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube
2023 Belden, Inc
GOGNE12 BELDEN-GOGNE12 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
More results

Similar Description - GOGNE24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOENE24 BELDEN-GOENE24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
GOGN224 BELDEN-GOGN224 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 24f MM OM2.
2023 Belden, Inc
GOGNC24 BELDEN-GOGNC24 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 24f MM OM5.
2023 Belden, Inc
GOGND24 BELDEN-GOGND24 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOGNE02 BELDEN-GOGNE02 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 2f MM OM4.
2023 Belden, Inc
GOGNE04 BELDEN-GOGNE04 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 4f MM OM4.
2023 Belden, Inc
GOGNE06 BELDEN-GOGNE06 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 6f MM OM4.
2023 Belden, Inc
GOGNE12 BELDEN-GOGNE12 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GOGNE16 BELDEN-GOGNE16 Datasheet
146Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE PA with 1 Tube of Ø3.3mm 16f MM OM4.
2023 Belden, Inc
GORNE24 BELDEN-GORNE24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 24f MM OM4.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com