Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC565MZP56 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC565MZP56
Description  RISC MCU with Code Compression Option
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC565MZP56 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC565MZP56 Datasheet HTML 1Page - Motorola, Inc MPC565MZP56 Datasheet HTML 2Page - Motorola, Inc MPC565MZP56 Datasheet HTML 3Page - Motorola, Inc MPC565MZP56 Datasheet HTML 4Page - Motorola, Inc MPC565MZP56 Datasheet HTML 5Page - Motorola, Inc MPC565MZP56 Datasheet HTML 6Page - Motorola, Inc MPC565MZP56 Datasheet HTML 7Page - Motorola, Inc MPC565MZP56 Datasheet HTML 8Page - Motorola, Inc MPC565MZP56 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR
PRODUCT BRIEF
This document contains information on a new product. Specifications and
information herein are subject to change without notice.
© MOTOROLA 2001, All Rights Reserved
MPC565PB/D
Rev. 2, 5 December 2001
MPC565/MPC566
Product Brief
MPC565/MPC566 RISC MCU with Code
Compression Option
Features
The MPC565 / MPC566 key features are as follows. The information inside boxes are optional features.
• 40 MHz / 56 MHz operation
• 56 MHz operation is available as an option.
— -40
° – 125 °C ambient temperature
— 2.6 V
± 0.1 V external bus
• External bus is compatible with external memory devices operating from 2.5 V to 3.4 V.
• Extended voltage range (2.7 – 3.4 V) degrades data drive timing by 1.1 ns on date writes.
— 2.6
± 0.1 V internal logic
— 5-V I/O (5.0
± 0.25 V)
• High performance RISC CPU system
— High performance core
• Single issue integer core
• Instruction set compatible with PowerPC instruction set architecture
• Precise exception model
• Floating point
• Code compression supported on the MPC566
— Compression reduces usage of internal or external flash memory
— Compression optimized for automotive (non-cached) applications
— New compression scheme increases compression performance to 40% – 50% compres-
sion
— 4-Kbyte static DECRAM can be used as memory if Compression is not used.
— General-purpose I/O support
• On address (24) and data (32) pins
• 16 GPIO in MIOS14
• Many peripheral pins can be used as GPIO when not used as primary functions
• 2.6-V outputs on external bus pins
• Extensive system development support
— On-chip watchpoints and breakpoints
— Program flow tracking
— Background debug mode (BDM)
Key Feature Details
MPC500 System Interface (USIU, BBC, L2U)
• Periodic interrupt timer, bus monitor, clocks, decrementer and time base
• Clock synthesizer, power management, reset controller
• External bus tolerates 5-V inputs, provides 3.3-V outputs
• Enhanced interrupt controller supports a separate interrupt vector for up to eight external and 40
Internal interrupts


Similar Part No. - MPC565MZP56

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
More results

Similar Description - MPC565MZP56

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D601 HYNIX-GDC21D601 Datasheet
4Mb / 189P
32-Bit RISC MCU
logo
Motorola, Inc
MPC561 MOTOROLA-MPC561 Datasheet
163Kb / 12P
RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
logo
Core Technology (Shenzh...
CSU8RF2111 CHIPSEA-CSU8RF2111 Datasheet
743Kb / 54P
8 RISC FLASH MCU
CSU8RP1001 CHIPSEA-CSU8RP1001 Datasheet
945Kb / 96P
OTP ROM 8 RISC MCU
CSU8RP1185E CHIPSEA-CSU8RP1185E Datasheet
2Mb / 100P
OTP ROM 8 RISC MCU
CSU8RP1381D CHIPSEA-CSU8RP1381D Datasheet
3Mb / 107P
8 RISC MCU
CSU8RP1382D CHIPSEA-CSU8RP1382D Datasheet
3Mb / 107P
8 RISC MCU
CSU8RP2113 CHIPSEA-CSU8RP2113 Datasheet
786Kb / 60P
Eight RISC OTP MCU
CSU18MB86 CHIPSEA-CSU18MB86 Datasheet
2Mb / 109P
MTP ROM 8 RISC MCU
CSU1181 CHIPSEA-CSU1181 Datasheet
914Kb / 97P
OTP ROM 8 RISC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com