Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K34SW06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K34SW06
Description  AUTOMOTIVE - Miniature
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K34SW06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K34SW06 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30
RELAYS
K34
8.89
3.81
10.16
1 form W only
1 form U & W only
1 form C & W
only
1 form U
1 form W
1 form A
1 form C
15
max.
19.5
max.
17.5
max.
3.0
Pin size 0.64 sq.
AUTOMOTIVE - Miniature
N 1 form A, C, U & W silver alloy
N Rated up to 15A carry
N Miniature package
N Automotive style
N PCB terminations
N Very competitively priced
N Fully sealed
Footprint (pin view)
Schematics (pin view)
Contacts:
Ratings
Type
Make
Break
Carry
1 form A:
60A
20A
15A
1 form C:
NO
60A
20A
15A
NC
12A
10A
10A
1 form U:
2 X 40A
2 X 20A
2 X 10A
1 form W:
NO
2 X 30A
2 X 15A
2 X 7A
NC
2 X 5A
2 X 5A
2 X 5A
DC: 75V, 200W
AC: 60V, 500VA
Silver alloy
Coil:
Power consumption 1.1W
Operating voltage range 65-130% (1 form W 75-130%)
Speed:
Operating time 3ms
Release time 1.5ms
Life Expectancy:
Mechanical: 10 x 106 operations min.
Electrical (DC): 2 x 105 operations min. @10A, 15V
Operating Temperature Range:
-40°C to +85°C
Part No.
Coil Voltage/Resistance
1 form A
1 form C
1 form U
1 form W
6Vdc /28
Ω
K34SA06
K34SC06
K34SU06 K34SW06
12Vdc /130
Ω
K34SA12
K34SC12
K34SU12 K34SW12
24Vdc /520
Ω
K34SA24
K34SC24
K34SU24 K34SW24
Dimensions (mm)
OKO type K34S
Enclosed versions of the K34N range offering a miniature package with fully sealed 'vented' construction. Silver alloy contacts, with choice
of form, rated up to 15A (carrying). PCB terminations.
0128
Other contact forms available to special order


Similar Part No. - K34SW06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
K34 YIXIN-K34 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
K34 SAMYANG-K34 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifier
logo
Goodwork Semiconductor ...
K34 GWSEMI-K34 Datasheet
209Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
logo
Omron Electronics LLC
K34-C1 OMRON-K34-C1 Datasheet
1Mb / 16P
An Ideal Indicator for OK/NG Judgements in Automated and Picking Machines, Measuring Factors such as Pressure, Load, Torque, and Weight Using Load Cell Signal Input.
logo
Velleman Group nv All r...
K3400 VELLEMAN-K3400 Datasheet
261Kb / 12P
DUAL ELECTRONIC DICE
More results

Similar Description - K34SW06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
Sub-Miniature Automotive PCB Relay
logo
American Zettler, Inc.
AZ942A AZETTLER-AZ942A Datasheet
86Kb / 2P
20 AMP MINIATURE AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
Ultra-Miniature Automotive PCB Relay
G8QN OMRON-G8QN Datasheet
550Kb / 8P
Miniature Automotive PCB Relay
logo
Golledge Electronics Lt...
GRX-210 GOLLEDGE-GRX-210 Datasheet
594Kb / 5P
Ultra-miniature Automotive Crystal
logo
Sanyou Corporation Limi...
SARA SANYOU-SARA Datasheet
88Kb / 3P
Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
Miniature PCB Automotive Relay
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARG SANYOU-SARG Datasheet
212Kb / 3P
Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
Miniature PCB Automotive Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com