Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR3200/MP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR3200/MP
Description  DIFFERENTIAL PRESSURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PR3200/MP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR3200/MP Datasheet HTML 1Page - List of Unclassifed Manufacturers PR3200/MP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
T
T
Tel:
el:
el:
el:
el: 01978 262255
01978 262255
01978 262255
01978 262255
01978 262255
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
Fax: 01978 262233
ellison sensors international
ellison sensors international
ellison sensors international
ellison sensors international
ellison sensors international
Sensor House, Wrexham Technology Park, Wrexham, LL 13 7YP, Wales, U.K.
PR
PR
PR
PR
PRO
O
O
O
OTRAN
TRAN
TRAN
TRAN
TRAN
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
DIMENSIONS / WIRING DETAILS
DIMENSIONS / WIRING DETAILS
DIMENSIONS / WIRING DETAILS
DIMENSIONS / WIRING DETAILS
DIMENSIONS / WIRING DETAILS
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
STATE MODEL NUMBER AND PRESSURE RANGE REQUIRED:-
ie: PR3200 0-10mbarDP
PR3200 DIFFERENTIAL PRESSURE TRANSMITTER
PR3200 DIFFERENTIAL PRESSURE TRANSMITTER
PR3200 DIFFERENTIAL PRESSURE TRANSMITTER
PR3200 DIFFERENTIAL PRESSURE TRANSMITTER
PR3200 DIFFERENTIAL PRESSURE TRANSMITTER
©
D.P. PRESSURE RANGES
D.P. PRESSURE RANGES
D.P. PRESSURE RANGES
D.P. PRESSURE RANGES
D.P. PRESSURE RANGES
0 - 250 mbar
0 - 500 mbar
0 - 750 mbar
0 - 1 bar
0 - 2 bar
0 - 4 bar
0 - 10 bar
0 - 20 bar
0 - 40 bar
0 - 100 bar
0 - 200 bar
TRANSMITTER WIRING DIAGRAM
TRANSMITTER WIRING DIAGRAM
TRANSMITTER WIRING DIAGRAM
TRANSMITTER WIRING DIAGRAM
TRANSMITTER WIRING DIAGRAM
LOAD DRIVING CHART
LOAD DRIVING CHART
LOAD DRIVING CHART
LOAD DRIVING CHART
LOAD DRIVING CHART
MODEL NO.
DESCRIPTION
PR3200
DP Transmitter 0-250mbar to
0-200 bar
PR3200/MP
Mounting Angle Plate
Reverse polarity....................... Protected
Load driving capability.............. 1150
Ω @ 36Vdc
Output short circuit (to ground) No damage
Insulation resistance................ 100M
Ω @ 100Vdc elec conn to case
Response time (63%).............. 1.5mS
Adjustment............................... ±10%FSO Zero and Span
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Pressure media....................... Compatible with alumina +304 S.S
Operating temperature range.. -20 to +85 °C
Storage temperature range...... -40 to +90°C
Thermal effect Zero................. <±0.03% FSO/°C
Thermal sensistivity................. <±0.03% FSO/°C
Vibration tolerance................... 10g’s to 50Hz
Mechanical shock tolerance.... 15g@s (11mS)
Operating humidity................... 95% RH
PHYSICAL
PHYSICAL
PHYSICAL
PHYSICAL
PHYSICAL
Pressure connections.............. ¼" BSP female x 2
Electrical connection................ DIN plug + socket to DIN43650
Mounting................................... Via mounting plate (optional extra)
Enclosure rating....................... IP65
Natural frequency.................... 10 Khz (min)
Weight...................................... 780 grams
Materials................................... 300 series stain’stl body/
connector alumina diaphragm
INPUT
INPUT
INPUT
INPUT
INPUT
Pressure ranges...................................0-250 mbarDP
to 0-200 barDP
Pressure reference...............................Differential
Operation mode.....................................Uni or Bi-directional
Static pressure max..............................4 x range (max)
Common mode pressure......................4 x range (max)
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
Span......................................................4-20 mA
Type...................................................... 2 wire
ACCURACY
ACCURACY
ACCURACY
ACCURACY
ACCURACY
Zero offset.............................................<±1% FSO
Span tolerance...................................... <±1% FSO
Combined non-linearity / hysteresis .... <±0.3% FSO
Repeatability..........................................<±0.1% FSO
Long term stability................................. <±0.2% FSO / 6 months
Common mode pressure error ............ <±2% / 4 x DP range
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
Supply voltage.......................................13-36Vdc
Supply voltage effects...........................3µA/V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com