Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB1818 Datasheet(PDF) 13 Page - Cree LED

Part # CMB1818
Description  XLamp® CMB1818 LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1818 Datasheet(HTML) 13 Page - Cree LED

Back Button CMB1818 Datasheet HTML 9Page - Cree LED CMB1818 Datasheet HTML 10Page - Cree LED CMB1818 Datasheet HTML 11Page - Cree LED CMB1818 Datasheet HTML 12Page - Cree LED CMB1818 Datasheet HTML 13Page - Cree LED CMB1818 Datasheet HTML 14Page - Cree LED CMB1818 Datasheet HTML 15Page - Cree LED CMB1818 Datasheet HTML 16Page - Cree LED CMB1818 Datasheet HTML 17Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
XLAMP® CMB1818 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite®, and the Cree logo are registered
trademarks, and the Cree LED logo is a trademark, of Cree LED.
CLD-DS284
REV 0
13
PREMIUM COLOR BINS PLOTTED ON THE 1931 CIE COLOR SPACE (T
J = 85 °C)
Fidelity (2-step)
2700K
3000K
3500K
4000K
4500K
40H
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle
35H
30H
27H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com