Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-T..RIA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-T..RIA
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-T..RIA Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-T..RIA Datasheet HTML 1Page - Vishay Siliconix VS-T..RIA Datasheet HTML 2Page - Vishay Siliconix VS-T..RIA Datasheet HTML 3Page - Vishay Siliconix VS-T..RIA Datasheet HTML 4Page - Vishay Siliconix VS-T..RIA Datasheet HTML 5Page - Vishay Siliconix VS-T..RIA Datasheet HTML 6Page - Vishay Siliconix VS-T..RIA Datasheet HTML 7Page - Vishay Siliconix VS-T..RIA Datasheet HTML 8Page - Vishay Siliconix VS-T..RIA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VS-T..RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
1
Document Number: 93756
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Medium Power Phase Control Thyristors
(Power Modules), 50 A, 70 A, 90 A
FEATURES
• Electrically isolated base plate
• Types up to 1200 VRRM
• 3500 VRMS isolating voltage
• Simplified mechanical designs, rapid assembly
• High surge capability
• Large creepage distances
• UL E78996 approved
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
These series of T-modules are intended for general purpose
applications such as battery chargers, welders and plating
equipment, regulated power supplies and temperature and
speed control circuits. The semiconductors are electrically
isolated from the metal base, allowing common heatsinks
and compact assemblies to be built.
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
Package
D-55 (T-module)
Circuit configuration
Single SCR
IT(AV)
50 A, 70 A, 90 A
VDRM/VRRM
100 V, 1200 V
VTM
1.55 V
IGT
120 mA
TJ
-40 °C to +125 °C
Type
Modules - thyristor, standard
D-55 (T-module)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
T50RIA
VALUES
T70RIA
VALUES
T90RIA
UNITS
IT(AV)
70 °C
50
70
90
A
IT(RMS)
80
110
141
A
ITSM
50 Hz
1310
1660
1780
A
60 Hz
1370
1740
1870
I2t
50 Hz
8550
13 860
15 900
A2s
60 Hz
7800
12 650
14 500
I2
t
85 500
138 500
159 100
A2
s
VRRM
Range
100 to 1200
100 to 1200
100 to 1200
V
TJ
-40 to +125
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM/VDRM,
MAXIMUM REPETITIVE PEAK REVERSE
AND PEAK OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK REVERSE
VOLTAGE
V
IRRM/IDRM MAXIMUM
AT TJ = 25 °C
μA
VS-T50RIA
VS-T70RIA
VS-T90RIA
10
100
150
100
20
200
300
40
400
500
60
600
700
80
800
900
100
1000
1100
120
1200
1300


Similar Part No. - VS-T..RIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-T..RIA VISHAY-VS-T..RIA Datasheet
252Kb / 12P
Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
27-Jul-2018
More results

Similar Description - VS-T..RIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50RIA VISHAY-T50RIA Datasheet
244Kb / 12P
Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
03-Jun-08
T50RIA120S90 VISHAY-T50RIA120S90 Datasheet
254Kb / 13P
Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
03-Jun-08
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
23-Apr-13
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
202Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
11-Mar-14
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
19-Nov-15
VS-TRIA VISHAY-VS-TRIA Datasheet
255Kb / 12P
Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
20-Dec-16
VS-TRIA VISHAY-VS-TRIA_V01 Datasheet
253Kb / 12P
Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
27-Jul-2018
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 50 A
21-Sep-17
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
Medium Power Phase Control Thyristors (Stud Version), 10 A
21-Sep-17
VS-T..RIA VISHAY-VS-T..RIA Datasheet
252Kb / 12P
Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
27-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com