Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF6102SC Datasheet(PDF) 2 Page - Cvilux Corporation

Part # CF6102SC
Description  1.00mm(,039") ZF FFC/FPC ONE-TOUCH CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation

CF6102SC Datasheet(HTML) 2 Page - Cvilux Corporation

  CF6102SC Datasheet HTML 1Page - Cvilux Corporation CF6102SC Datasheet HTML 2Page - Cvilux Corporation CF6102SC Datasheet HTML 3Page - Cvilux Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(N) NO. of
TERMINALS
A
B
C
D
E
4
3.00
9.50
5.07
5.00
6.60
5
4.00
10.50
6.07
6.00
7.60
6
5.00
11.50
7.07
7.00
8.60
7
6.00
12.50
8.07
8.00
9.60
8
7.00
13.50
9.07
9.00
10.60
9
8.00
14.50
10.07
10.00
11.60
10
9.00
15.50
11.07
11.00
12.60
11
10.00
16.50
12.07
12.00
13.60
12
11.00
17.50
13.07
13.00
14.60
13
12.00
18.50
14.07
14.00
15.60
14
13.00
19.50
15.07
15.00
16.60
15
14.00
20.50
16.07
16.00
17.60
16
15.00
21.50
17.07
17.00
18.60
17
16.00
22.50
18.07
18.00
19.60
18
17.00
23.50
19.07
19.00
20.60
19
18.00
24.50
20.07
20.00
21.60
20
19.00
25.50
21.07
21.00
22.60
21
20.00
26.50
22.07
22.00
23.60
22
21.00
27.50
23.07
23.00
24.60
23
22.00
28.50
24.07
24.00
25.60
24
23.00
29.50
25.07
25.00
26.60
25
24.00
30.50
26.07
26.00
27.60
26
25.00
31.50
27.07
27.00
28.60
27
26.00
32.50
28.07
28.00
29.60
28
27.00
33.50
29.07
29.00
30.60
29
28.00
34.50
30.07
30.00
31.60
30
29.00
35.50
31.07
31.00
32.60
DIMENSIONS
CviLux
2021.01.14
CVILUX CORP
ISSUED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com