Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMPC823D Datasheet(PDF) 2 Page - Motorola, Inc

Part # CDMPC823D
Description  MPC823e Mobile Computing Microprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CDMPC823D Datasheet(HTML) 2 Page - Motorola, Inc

  CDMPC823D Datasheet HTML 1Page - Motorola, Inc CDMPC823D Datasheet HTML 2Page - Motorola, Inc CDMPC823D Datasheet HTML 3Page - Motorola, Inc CDMPC823D Datasheet HTML 4Page - Motorola, Inc CDMPC823D Datasheet HTML 5Page - Motorola, Inc CDMPC823D Datasheet HTML 6Page - Motorola, Inc CDMPC823D Datasheet HTML 7Page - Motorola, Inc CDMPC823D Datasheet HTML 8Page - Motorola, Inc CDMPC823D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MPC823e Mobile Computing Microprocessor
MOTOROLA
Key Features
The following list summarizes key features of the MPC823e:
•
Embedded PowerPC Core Provides 99MIPS (Using Dhrystone 2.1) or
172K Dhrystones 2.1 at 75MHz
— Single-Issue, 32-Bit Version of the PowerPC Core (Fully Compatible with the PowerPC
Architecture Definition) with 32 x 32-Bit Fixed-Point Registers
— Low Power Consumption, 3.3V I/O Boundary with Microprocessor Core, Caches,
Memory Management, and I/O in Operation
— Performs Branch Folding, Branch Prediction with Conditional Prefetch, without
Conditional Execution
— 8K Data Cache and 16K Instruction Cache
— Instruction Cache is Four-Way, Set Associative and the Data Cache is Two-Way,
Set-Associative, Physical Address, 4-Word Line Burst, LRU Replacement Algorithm,
Lockable Online Granularity
— Memory Management Units with 32-Entry Translation Lookaside Buffers (TLBs) and
Fully Associative Instruction and Data TLBs
— Memory Management Units Support Multiple Page Sizes of 4K, 16K, 512K and 8M
(1K Protection Granularity at the 4K Page Size); 16 Virtual Address Spaces and
16 Protection Groups
•
Advanced On-Chip Emulation Debug Mode
•
Data Bus Dynamic Bus Sizing for 8-,16-, and 32-Bit Buses
— Supports Traditional 68K Big-Endian, Traditional x86 Little-Endian, and PowerPC
Little-Endian Memory Systems
— Twenty-Six External Address Lines
•
Completely Static Design (0–75MHz Operation)
— External Bus Division Factor (EBDF) Should be Divided by 2 for Frequencies Greater
than 50MHz
•
Communication Processor Module
— Interfaces to PowerPC Core through On-Chip Dual-Access RAM and Virtual (Serial)
DMA Channels on a Dedicated DMA Accelerator
— Programmable Memory-to-Memory and Memory-to-I/O (including Flyby) DMA
Provided by Virtual DMA Support
— CPM Provides 75+MIPS @ 75MHz in Parallel with PowerPC Core
— Protocols Supported by ROM or Download Microcode and the Hardware Serial
Communication Controllers Include, but are not Limited to, the Digital Portions of:
– Ethernet/IEEE 802.3 (CS/CDMA)
– HDLC/SDLC and HDLC Bus
– AppleTalk®
– Universal Asynchronous Receiver Transmitter (UART)
– Synchronous UART (USART)
– Totally Transparent Mode With/Without CRC
– Asynchronous HDLC
– IrDA Version 1.1 Serial Infrared (SCC2 only)
– Basic Rate ISDN (BRI) in Conjunction with Serial Management
Controller Channels
– Primary Rate ISDN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com