Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM42-0046 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM42-0046
Description  4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0046 Datasheet(HTML) 2 Page - Tyco Electronics

  AM42-0046 Datasheet HTML 1Page - Tyco Electronics AM42-0046 Datasheet HTML 2Page - Tyco Electronics AM42-0046 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
! "
# $ % % &
!
"
!
"
#
$ %&''()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
$
*
!
"
#$ %& ' ()*+,-.
)-
/-
0$ 12 .
3.** $ '%.
34 $ /%5 -67 $ %7 8
4
9
:
4#
: ;
4
5
8
F / 6
6
*.
('
G
27H =
8
F / 6
=
G
* 1%0
( '%0
27H =
8
F / 6
=
G
* 1%0
G
8
8
F 9& 6 !
F 0-''
$
6
(1
() '
G
8
+ B
8
F 9& 6 !
F 0-''
$
1 -
) / 53A
8
F 9& 6 !
F 0-''
$
) /
. 0 53A
6
6
G
G
I'(
I'(
I0 *1
I0 *1
<
6
8
F 9& 6
G
0-''
**''
5
6
8
F 9& 6 !
F 0-''
$
G
0'
*1
<
2
8
F 9& 6 !
F 0-''
$
2
* '
/ '
G
:</'77<=
$
/* ''/)!
0
1 ' 2
255
* =
2<<
9& 2
(
=+
/ 8
B
$
/ :,
<
"
B
=+
<
>
2
>
0
)7 ?
.**
<
*
/-%-=
)77
)77
.
)-/
)
)7
)7 ?
7 7)?
: </'77<=
.<:$
(
. 0
&
: ;
8
901 6
2
'2 J 2<< J 0'2
) 2 J 255 J ( 2
*(''
$
901'?
$
/'?
9&'?
7
$
)1?
901'?
: ;
>
)-
/-
0
0 :,
"
*
"
(
B
B
"
+
8
"
%
@ #
5
:7<
"
"
8
:7<
B
"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com