Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823LD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC823LD
Description  MPC823e Mobile Computing Microprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823LD Datasheet(HTML) 1 Page - Motorola, Inc

  MPC823LD Datasheet HTML 1Page - Motorola, Inc MPC823LD Datasheet HTML 2Page - Motorola, Inc MPC823LD Datasheet HTML 3Page - Motorola, Inc MPC823LD Datasheet HTML 4Page - Motorola, Inc MPC823LD Datasheet HTML 5Page - Motorola, Inc MPC823LD Datasheet HTML 6Page - Motorola, Inc MPC823LD Datasheet HTML 7Page - Motorola, Inc MPC823LD Datasheet HTML 8Page - Motorola, Inc MPC823LD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MPC823ETS/D
6/99
™
This document contains information on a new product under development by Motorola. Motorola reserves the right to
change or discontinue this product without notice.
© Motorola, Inc., 1999. All rights reserved.
Technical Summary
MPC823e Mobile Computing Microprocessor
The MPC823e microprocessor is a versatile, one-chip integrated microprocessor and peripheral
combination that can be used in a variety of electronic products. It particularly excels in low-power,
portable, image capture and personal communication products. It is a version of the MPC823
microprocessor that provides enhanced performance with larger data and instruction caches. Like
the MPC823, it has a universal serial bus (USB) interface and video display controller, as well as
the existing LCD controller of the MPC823 (Rev A) device.
The MPC823e microprocessor integrates a high-performance embedded PowerPC™ core with a
communication processor module that uses a specialized RISC processor for imaging and
communication. The communication processor module can perform embedded signal processing
functions for image compression and decompression. It also supports seven serial channels—two
serial communication controllers, two serial management controllers, one I2C® port, one USB
channel, and one serial peripheral interface.
This two-processor architecture consumes power more efficiently than traditional architectures
because the communication processor module frees the core from peripheral tasks like imaging and
communication.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC823LD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC823 MOTOROLA-MPC823 Datasheet
234Kb / 74P
Communication Processor Module
logo
Freescale Semiconductor...
MPC823 FREESCALE-MPC823 Datasheet
1Mb / 70P
AC Electrical Specifications
MPC823 FREESCALE-MPC823 Datasheet
422Kb / 70P
This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC823.
logo
NXP Semiconductors
MPC823 NXP-MPC823 Datasheet
3Mb / 242P
Design Specification
Rev 0.1
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
Communication Processor Module
More results

Similar Description - MPC823LD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-1061 ETC-PL-1061 Datasheet
92Kb / 1P
Mobile Computing System
logo
Intel Corporation
QG82945GMSL8Z2 INTEL-QG82945GMSL8Z2 Datasheet
39Kb / 1P
Mobile Intel 945GM Express Chipset for Embedded Computing
945GME INTEL-945GME Datasheet
156Kb / 2P
Mobile Intel짰 945GME Express Chipset for Embedded Computing
945GSE INTEL-945GSE Datasheet
208Kb / 2P
Mobile Intel짰 945GSE Express Chipset for Embedded Computing
910GMLE INTEL-910GMLE Datasheet
708Kb / 2P
Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
915GME INTEL-915GME Datasheet
408Kb / 2P
Mobile Intel짰 915GME Express Chipset for Embedded Computing
AC82GM45-SLB94 INTEL-AC82GM45-SLB94 Datasheet
223Kb / 4P
Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GS45-SLB92 INTEL-AC82GS45-SLB92 Datasheet
223Kb / 4P
Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
logo
VIA Technologies, Inc.
VAB-820 VIA-VAB-820 Datasheet
750Kb / 2P
Edge Computing Platforms
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
Embedded Computing Peripherals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com