Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V430-AF6 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # V430-AF6
Description  Autofocus Multicode Reader
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V430-AF6 Datasheet(HTML) 1 Page - Omron Electronics LLC

  V430-AF6 Datasheet HTML 1Page - Omron Electronics LLC V430-AF6 Datasheet HTML 2Page - Omron Electronics LLC V430-AF6 Datasheet HTML 3Page - Omron Electronics LLC V430-AF6 Datasheet HTML 4Page - Omron Electronics LLC V430-AF6 Datasheet HTML 5Page - Omron Electronics LLC V430-AF6 Datasheet HTML 6Page - Omron Electronics LLC V430-AF6 Datasheet HTML 7Page - Omron Electronics LLC V430-AF6 Datasheet HTML 8Page - Omron Electronics LLC V430-AF6 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
MicroHAWK V430-F
Autofocus Multicode Reader
Autofocus to read codes at different distances.
• Simple configuration with WebLink.
• 5 megapixel sensor available.
• Autofocus available.
• Alternate LED configuration available.
• Smallest in class.
• IP65 / IP67.
• Ethernet TCP/IP, EtherNet/IP, and PROFINET.
MicroHAWK V430-F
Mounting Options
Appearance
Type
Part Number
L Bracket Adjustable Angle Mounting Kit
V430-AM0
¼-20 Camera Mounting Block Kit
V430-AM1
4” (102 mm) Ram Mount Stand
V430-AM2
APG Pan and Tilt Camera Mount
V430-AM3
Nylon Screw and Washer Electrical Isolation Mounting Kit
V430-AM4
MS-4 / MINI to V/F4XX-F Adapter Plate
V430-AM5
Smart Ring Light to V/F4XX-F Mounting Bracket
V430-AM6
QX / Vision HAWK to V/F4XX-F Adapter Plate
V430-AM7


Similar Part No. - V430-AF6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V430-W8-10M OMRON-V430-W8-10M Datasheet
9Mb / 43P
RT100-EMM3010
V430-W8-10M-E OMRON-V430-W8-10M-E Datasheet
185Kb / 6P
VHV5, AutoFocus, Long Lens, 2.3 MP, Standard Red Light, X-Mode Reader
30 May, 2025.
V430-W8-10M-E OMRON-V430-W8-10M-E Datasheet
184Kb / 6P
VHV5, AutoFocus, Long Lens, 2.3 MP, Standard White Light, X-Mode Reader
30 May, 2025.
V430-W8-10M-E OMRON-V430-W8-10M-E Datasheet
185Kb / 6P
VHV5, AutoFocus, Long Lens, 5.0 MP, Standard Red Light, X-Mode Reader
30 May, 2025.
V430-W8-10M-E OMRON-V430-W8-10M-E Datasheet
184Kb / 6P
VHV5, AutoFocus, Long Lens, 5.0 MP, Standard White Light, X-Mode Reader
30 May, 2025
More results

Similar Description - V430-AF6

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
ATMJ1Z95 ALPS-ATMJ1Z95 Datasheet
1Mb / 1P
Bi-direction Type Autofocus Actuator for Cameras
logo
Rohm
BU64253GWZ ROHM-BU64253GWZ Datasheet
1Mb / 20P
Bi-directional VCM Driver for Autofocus
BU64292GWZ ROHM-BU64292GWZ Datasheet
1Mb / 22P
Uni-directional VCM Driver for Autofocus
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
Uni-directional VCM Driver for Autofocus
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
Code Reader
2930236 FESTO-2930236 Datasheet
83Kb / 2P
Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
Code Reader
logo
Pepperl+Fuchs Inc.
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
Handheld reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com