Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V430-AF2 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # V430-AF2
Description  Autofocus Multicode Reader
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V430-AF2 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button V430-AF2 Datasheet HTML 6Page - Omron Electronics LLC V430-AF2 Datasheet HTML 7Page - Omron Electronics LLC V430-AF2 Datasheet HTML 8Page - Omron Electronics LLC V430-AF2 Datasheet HTML 9Page - Omron Electronics LLC V430-AF2 Datasheet HTML 10Page - Omron Electronics LLC V430-AF2 Datasheet HTML 11Page - Omron Electronics LLC V430-AF2 Datasheet HTML 12Page - Omron Electronics LLC V430-AF2 Datasheet HTML 13Page - Omron Electronics LLC V430-AF2 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
V430-F
10
2d) V430-F 1.2 MP Monochrome Autofocus Camera with Ring Light (50 - 300 mm for Medium, 40 – 150
mm for Narrow): Valid Combinations
Note: Ring Light version is available for Autofocus, Medium, and Narrow lens, 1.2 MP Monochrome camera only.
V430-F000[Y]12M-R[C]X
2e) V430-F 1.2 MP Monochrome Long Range Autofocus Camera (75 - 1160 mm): Valid Combinations
Note: Autofocus Long Range lens option available for 1.2 MP Monochrome camera only.
V430-F000L12M-[L][C][P]
Key
Classification
Code
Meaning
Y
Lens
M
Medium Field of View – 7.7 mm Focal Length Lens
N
Narrow Field of View – 16 mm Focal Length Lens
C
Light Color
R
Red
WWhite
Key
Classification
Code
Meaning
L
Light Type
N
No Outer Light
S
Standard Outer Light
C
Light Color
N
No Outer Light
RRed
WWhite
P
Software License
P
High Speed, Plus Mode
X
High Speed, X-Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com