Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM42-0055 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM42-0055
Description  1 Watt / 2 Watt S-Band Power Amplifier 2.2 - 2.4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0055 Datasheet(HTML) 2 Page - Tyco Electronics

  AM42-0055 Datasheet HTML 1Page - Tyco Electronics AM42-0055 Datasheet HTML 2Page - Tyco Electronics AM42-0055 Datasheet HTML 3Page - Tyco Electronics AM42-0055 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
!
"
!
"
#
$ %&''()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
5
6 7
2
(-
8-
9-
#-
:
5
6 7
8
9 0* 6
2DD
9 0'2
0*''
7
$
)1G
901'G
255
1 2
2DDH255
0* 2
$
901'G
$
/'G
9&1G
*
(
<
<
"
/
I(
1
) 255 !
9&
0
0' 2DD
J
255
1
+
8(
!
2DD "
"
'1
2DD
) D
"
<
?+
;
0
2D0
D
7
+
7
*
5KD
?+
D
5
(
?+ K
?+
/
5KD
?+
D
5
1
250
5
7
+
7
)
25*
5
7
7
7
.
5KD
?+
D
5
&
?+ L$
?+
-
5KD
?+
D
5
0'
2D*
D
7
7
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com