Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM3545 Datasheet(PDF) 2 Page - TDK Electronics

Part # RM3545
Description  Inductors for power circuits Wound ferrite
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RM3545 Datasheet(HTML) 2 Page - TDK Electronics

  RM3545 Datasheet HTML 1Page - TDK Electronics RM3545 Datasheet HTML 2Page - TDK Electronics RM3545 Datasheet HTML 3Page - TDK Electronics RM3545 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(2/4)
inductor_commercial_power_vlbuc12060120-f3_en.xml
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221202
INDUCTORS
VLBUC12060120 F3 type
■ L FREQUENCY CHARACTERISTICS
□測定器
* Equivalent measurement equipment may be used.
■ INDUCTANCE VS. DC BIAS CHARACTERISTICS
□測定器
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Keysight Technologies
Product No.
Manufacturer
3260B+3265B
Wayne Kerr Electronics
10
0.01
0.1
100
110
Frequency (MHz)
100
1000
R07M
R08M
R09L
R10L
R12L
R15L
R17L
R20L
0
20
40
60
80
100
120
140
160
180
200
DC current (A)
10
100
1000
R07M
R08M
R09L
R10L
R12L
R15L
R17L
R20L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com