Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C6357-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C6357-12
Description  Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C6357-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C6357-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C6357-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C6357-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C6357-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C6357-12 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-
Pasternack does not make
2
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
5.8
GHz
VSWR
1.4:1
Velocity of Propagation
83
%
Passive Intermodulation
-165
-160
dBc
Capacitance
24 [78.74]
pF/ft [pF/m]
Inductance
0.054 [0.18]
uH/ft [uH/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.45
0.7
1
2.5
5.8
GHz
Insertion Loss (Max.)
0.26
0.33
0.39
0.63
0.99
dB
.
Electrical Specification Notes:
PIM test results vary between cables
The Insertion Loss data above is based on the performance specifications of the coax used in this assembly. The
Insertion Loss includes an estimated insertion loss of 0.1*SQRT(FGHz) dB per connector.
Mechanical Specifications
Cable Assembly
.
Weight
0.42 lbs [190.51 g]
Cable
Cable Type
SPF-250
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Aluminum
Dielectric Type
Foam PE
Number of Shields
1
Shield Layer 1
Helically Corrugated Copper Tube
Outer Conductor Material and Plating
Copper
Jacket Material
FRPE, Black
Jacket Diameter
0.303 in [7.7 mm]
.
One Time Minimum Bend Radius
1.25 in [31.75 mm]
Bending Moment
0.5 lbs-ft [0.68 N-m]
PE3C6357-36 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Us-
ing Times Microwave Parts PE3C6357-36
RF Cable Assemblies Technical Data Sheet
PE3C6357-36
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch
Length Using SPF-250 Coax Using Times Microwave Parts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com