Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C6374 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3C6374
Description  Fire Rated N Male to N Male Low PIM Cable 200 cm Length Using SPF-500 Coax Using Times Microwave Parts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C6374 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C6374 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C6374 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C6374 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C6374 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C6374 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C6374 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
Typical Performance Data
PE3C6374-200CM REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Fire Rated N Male to N Male Low PIM Cable 200 cm Length Using SPF-500 Coax Using
Times Microwave Parts PE3C6374-200CM
RF Cable Assemblies Technical Data Sheet
Fire Rated N Male to N Male Low PIM Cable 200 cm Length
Using SPF-500 Coax Using Times Microwave Parts
PE3C6374-200CM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com