Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1835A Datasheet(PDF) 21 Page - Analog Devices

Part # AD1835A
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1835A Datasheet HTML 16Page - Analog Devices AD1835A Datasheet HTML 17Page - Analog Devices AD1835A Datasheet HTML 18Page - Analog Devices AD1835A Datasheet HTML 19Page - Analog Devices AD1835A Datasheet HTML 20Page - Analog Devices AD1835A Datasheet HTML 21Page - Analog Devices AD1835A Datasheet HTML 22Page - Analog Devices AD1835A Datasheet HTML 23Page - Analog Devices AD1835A Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
AD1835A
–21–
CASCADE MODE
Dual AD1835A Cascade
The AD1835A can be cascaded to an additional AD1835A
which, in addition to six external stereo ADCs, can be used to
create a 32 channel audio system with 16 inputs and 16 outputs.
The cascade is designed to connect to a SHARC DSP and oper-
ates in a Time Division Multiplexing (TDM) format. Figure 14
shows the connection diagram for cascade operation. The digital
interface for both parts must be set to operate in Auxiliary512
mode by programming ADC Control Register 2. AD1835A #1
is set as a master device by connecting the
M/S pin to DGND
and AD1835A #2 is set as a slave device by connecting the
M/S
to ODVDD. Both devices should be run from the same MCLK
and
PD/RST signals to ensure that they are synchronized.
With Device 1 set as a master it will generate the frame-sync and
bit clock signals. These signals are sent to the SHARC and
Device 2, ensuring that both know when to send and receive data.
The cascade can be thought of as two 256 bit shift registers, one for
each device. At the beginning of a sample interval, the shift regis-
ters contain the ADC results from the previous sample interval.
The first shift register (Device 1) clocks data into the SHARC and
clocks in data from the second shift register (Device 2). While this
is happening, the SHARC is sending DAC data to the second shift
register. By the end of the sample interval, all 512 bits of ADC data
in the shift registers will have been clocked into the SHARC and
replaced by DAC data, which is subsequently written to the DACs.
Figure 15 shows the timing diagram for the cascade operation.
AUX ADC
(SLAVE)
ALRCLK
ABCLK
ASDATA
DSDATA
ALRCLK
ABCLK
ASDATA
DSDATA
AD1835A #1
(MASTER)
AD1835A #2
(SLAVE)
SHARC
(SLAVE)
AUX ADC
(SLAVE)
AUX ADC
(SLAVE)
AUX ADC
(SLAVE)
AUX ADC
(SLAVE)
AUX ADC
(SLAVE)
DRx
RFSx
RCLKx
TCLKx
DTx
TFSx
Figure 14. Dual AD1835A Cascade
AD1835A #1 DACs
L1
L2
L3
L4
R1
R2
R3
R4
AD1835A #2 DACs
L1
L2
L3
L4
R1
R2
R3
R4
TFSx/
RFSx
DTx
AD1835A #1 ADCs
L1
L2
L3
L4
R1
R2
R3
R4
AD1835A #2 ADCs
L1
L2
L3
L4
R1
R2
R3
R4
DRx
256 ABCLKs
256 ABCLKs
MSB
MSB – 1
LSB
32 ABCLKs
ABCLK
DTx
MSB
MSB – 1
LSB
DRx
DON’T CARE
Figure 15. Dual AD1835A Cascade Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com