Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC60804TYBHR Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC60804TYBHR
Description  AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC60804TYBHR Datasheet(HTML) 1 Page - Texas Instruments

  AMC60804TYBHR Datasheet HTML 1Page - Texas Instruments AMC60804TYBHR Datasheet HTML 2Page - Texas Instruments AMC60804TYBHR Datasheet HTML 3Page - Texas Instruments AMC60804TYBHR Datasheet HTML 4Page - Texas Instruments AMC60804TYBHR Datasheet HTML 5Page - Texas Instruments AMC60804TYBHR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AMC60804T 4-Channel Optical Monitor and Controller
With Current and Voltage Output DACs and Multichannel ADC
1 Features
• Four 12-bit current output DACs (IDACs)
– 200-mA full-scale output range
– Low supply headroom: 200 mV at 200 mA
• Four 12-bit voltage output DACs (VDACs)
– Selectable full-scale output ranges:
–5 V, –2.5 V, +2.5 V and +5 V
– High-current drive capability: ±50 mA
• Multichannel, 12-bit, 1-MSPS SAR ADC
– Four external inputs: 2.5-V and 5-V ranges
– Four IDAC voltage monitor channels
– Four VDAC current monitor channels
– Programmable sequencer
– Programmable out-of-range alarms
• Internal 2.5-V reference
• Supply and temperature fault alarms
• SPI and I2C interfaces: 1.7-V to 3.6-V operation
– SPI: 4-wire interface
– I2C: Four target addresses
• Specified temperature range: –40°C to +125°C
2 Applications
• Optical module
• Intra-DC interconnect (metro)
IDAC
ADC
MUX
× 4
× 4
Reference
SPI or I
2C
Serial Interface
AMC60804T
IDAC1
Supply and Temperature Monitors
Interrupt Control
and
Alarm Detector
IDAC Channels 1–4
Voltage
Monitors
IDAC2
IDAC3
IDAC4
VDAC
VDAC1
VDAC Channels 1–4
Current
Monitors
VDAC2
VDAC3
VDAC4
ADC1
ADC2
ADC3
ADC4
Simplified Schematic
3 Description
The AMC60804T is a highly integrated, low-power
analog monitor and controller for optical transceiver
applications.
The AMC60804T includes four 12-bit current output
digital-to-analog converters (IDACs) and four 12-bit
voltage output DACs (VDACs) with programmable
output ranges. The device also includes a 12-bit,
1-MSPS analog-to-digital converter (ADC) used for
external and internal signal monitoring, supply and
temperature alarm monitors, and a high-precision
internal reference.
The AMC60804T VDACs support both positive and
negative output-range operation and are capable or
sourcing and sinking up to 50 mA, making them
an excellent choice for biasing optical modulators.
Additionally, the AMC60804T IDACs support a full-
scale output range of 200 mA with very-low power
dissipation. The IDACs eliminate the need for external
components to bias laser diodes. In combination,
the AMC60804T four VDACs and four IDACs enable
accurate biasing of electro-absorption modulated
lasers.
The AMC60804T also includes four input pins that
are multiplexed to the ADC and incorporate a low-
latency window comparator. These features make this
device an excellent choice for received signal strength
indicator (RSSI) and loss-of-signal (LOS) detection.
The ADC is also capable of measuring the voltage at
the IDAC pins, as well as the current being sourced or
sinked by the VDACs, thus enabling these outputs to
be monitored.
The AMC60804T low power, high integration, very
small size, and wide operating temperature range
make this device an excellent choice as an all-in-one
control circuit for optical modules.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
AMC60804T
YBH (DSBGA, 36)
2.56 mm × 2.56 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
AMC60804T
SLASF79 – JANUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC60804TYBHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC60804TYBHR TI2-AMC60804TYBHR Datasheet
487Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
AMC60804TYBHR.A TI2-AMC60804TYBHR.A Datasheet
487Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
More results

Similar Description - AMC60804TYBHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC60804 TI-AMC60804 Datasheet
952Kb / 7P
AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC60304 TI-AMC60304 Datasheet
437Kb / 3P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC60304 TI-AMC60304_V01 Datasheet
1Mb / 10P
AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
DECEMBER 2021
AMC60704 TI-AMC60704 Datasheet
491Kb / 6P
AMC60704 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
DECEMBER 2022
AFE11612-SEP TI-AFE11612-SEP Datasheet
1Mb / 11P
AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com